Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 82 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 78Page - Analog Devices ADSP-SC596 Datasheet HTML 79Page - Analog Devices ADSP-SC596 Datasheet HTML 80Page - Analog Devices ADSP-SC596 Datasheet HTML 81Page - Analog Devices ADSP-SC596 Datasheet HTML 82Page - Analog Devices ADSP-SC596 Datasheet HTML 83Page - Analog Devices ADSP-SC596 Datasheet HTML 84Page - Analog Devices ADSP-SC596 Datasheet HTML 85Page - Analog Devices ADSP-SC596 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
Rev. PrD
|
Page 82 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Asynchronous Sample Rate Converter (ASRC)—Serial Input Port
The ASRC input signals are routed from the DAI0_PINx pins using the SRU. Therefore, the timing specifications provided in Table 48 are
valid at the DAI0_PINx pins.
Table 48. ASRC, Serial Input Port
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSRCSFS
1
1 The serial clock, data, and frame sync signals can originate from any of the DAI pins. The serial clock and frame sync signals can also originate via PCG or SPORTs. The
input of the PCG can be either CLKIN or any of the DAI pins.
Frame Sync Setup Before Serial Clock Rising Edge
4
ns
tSRCHFS
1
Frame Sync Hold After Serial Clock Rising Edge
5.5
ns
tSRCSD
1
Data Setup Before Serial Clock Rising Edge
4
ns
tSRCHD
1
Data Hold After Serial Clock Rising Edge
5.5
ns
tSRCCLKW
Clock Width
tSCLK0 – 1
ns
tSRCCLK
Clock Period
2 × tSCLK0
ns
Figure 18. ASRC Serial Input Port Timing
DAI0_PIN20–1
(SCLK0)
SAMPLE EDGE
DAI0_PIN20–1
(FS)
DAI0_PIN20–1
(SDATA)
tSRCCLK
tSRCCLKW
tSRCSFS
tSRCHFS
tSRCHD
tSRCSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com