Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 48 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 44Page - Analog Devices ADSP-SC596 Datasheet HTML 45Page - Analog Devices ADSP-SC596 Datasheet HTML 46Page - Analog Devices ADSP-SC596 Datasheet HTML 47Page - Analog Devices ADSP-SC596 Datasheet HTML 48Page - Analog Devices ADSP-SC596 Datasheet HTML 49Page - Analog Devices ADSP-SC596 Datasheet HTML 50Page - Analog Devices ADSP-SC596 Datasheet HTML 51Page - Analog Devices ADSP-SC596 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 48 of 134
|
May 2022
DMC0_DQ15
InOut
B
Internal logic
ensures that input
signal does not float
None
None
VDD_DMC Desc: DMC0 Data 15
Notes: No notes
DMC0_LDM
Output B
None
None
L
VDD_DMC Desc: DMC0 Data Mask for Lower Byte
Notes: No notes
DMC0_LDQS
InOut
C
Internal logic
ensures that input
signal does not float
None
None
VDD_DMC Desc: DMC0 Data Strobe for Lower Byte
Notes: No notes
DMC0_LDQS
InOut
C
Internal logic
ensures that input
signal does not float
None
None
VDD_DMC Desc: DMC0 Data Strobe for Lower Byte
(complement)
Notes: No notes
DMC0_ODT
Output B
None
None
L
VDD_DMC Desc: DMC0 On-Die Termination
Notes: No notes
DMC0_RAS
Output B
None
None
L
VDD_DMC Desc: DMC0 Row Address Strobe
Notes: No notes
DMC0_RESET
Output B
None
None
L
VDD_DMC Desc: DMC0 Reset
Notes: No notes
DMC0_RZQ
a
B
None
None
None
VDD_DMC Desc: DMC0 External Calibration Resistor
Connection
Notes: 34 Ω external pull-down must be
added
DMC0_UDM
Output B
None
None
L
VDD_DMC Desc: DMC0 Data Mask for Upper Byte
Notes: No notes
DMC0_UDQS
InOut
C
Internal logic
ensures that input
signal does not float
None
None
VDD_DMC Desc: DMC0 Data Strobe for Upper Byte
Notes: No notes
DMC0_UDQS
InOut
C
Internal logic
ensures that input
signal does not float
None
None
VDD_DMC Desc: DMC0 Data Strobe for Upper Byte
(complement)
Notes: No notes
DMC0_VREF0
a
None
None
None
VDD_DMC Desc: DMC0 Voltage Reference
Notes: No notes
DMC0_VREF1
a
None
None
None
VDD_DMC Desc: DMC0 Voltage Reference
Notes: No notes
DMC0_WE
Output B
None
None
L
VDD_DMC Desc: DMC0 Write Enable
Notes: No notes
GND
g
None
None
None
Desc: Ground
Notes: No notes
HADC0_VIN0
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 0
Notes: Connect to GND if not used
HADC0_VIN1
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 1
Notes: Connect to GND if not used
HADC0_VIN2
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 2
Notes: Connect to GND if not used
HADC0_VIN3
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 3
Notes: Connect to GND if not used
HADC0_VIN4
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 4
Notes: Connect to GND if not used
HADC0_VIN5
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 5
Notes: Connect to GND if not used
Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Internal
Termination
Reset
Termination
Reset
Drive
Power
Domain
Description and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com