Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 7Page - Analog Devices ADSP-SC596 Datasheet HTML 8Page - Analog Devices ADSP-SC596 Datasheet HTML 9Page - Analog Devices ADSP-SC596 Datasheet HTML 10Page - Analog Devices ADSP-SC596 Datasheet HTML 11Page - Analog Devices ADSP-SC596 Datasheet HTML 12Page - Analog Devices ADSP-SC596 Datasheet HTML 13Page - Analog Devices ADSP-SC596 Datasheet HTML 14Page - Analog Devices ADSP-SC596 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 11 of 134
|
May 2022
System Crossbars (SCBs)
The system crossbars (SCBs) are the fundamental building
blocks of a switch fabric style for on-chip system bus intercon-
nection. The SCBs connect system bus requesters to system bus
completers, providing concurrent data transfer between multi-
ple bus requesters and multiple bus completers. A hierarchical
model—built from multiple SCBs—provides a power and area
efficient system interconnection.
The SCBs provide the following features:
• Highly efficient, pipelined bus transfer protocol for sus-
tained throughput
• Full-duplex bus operation for flexibility and reduced
latency
• Concurrent bus transfer support to allow multiple bus
requesters to access bus completers simultaneously
• Protection model (privileged/secure) support for selective
bus interconnect protection
Direct Memory Access (DMA)
The processors use direct memory access (DMA) to transfer
data within memory spaces or between a memory space and a
peripheral. The processors can specify data transfer operations
and return to normal processing while the fully integrated DMA
controller carries out the data transfers independent of proces-
sor activity.
DMA transfers can occur between memory and a peripheral or
between one memory and another memory. Each memory to
memory DMA stream uses two channels: the source channel
and the destination channel.
All DMA channels can transport data to and from all on-chip
and off-chip memories. Programs can use two types of DMA
transfers: descriptor-based or register-based. Register-based
DMA allows the processors to program DMA control registers
directly to initiate a DMA transfer. On completion, the DMA
control registers automatically update with original setup values
for continuous transfer. Descriptor-based DMA transfers
require a set of parameters stored within memory to initiate a
DMA sequence. Descriptor-based DMA transfers allow
multiple DMA sequences to be chained together. Program a
DMA channel to set up and start another DMA transfer auto-
matically after the current sequence completes.
The DMA engine supports the following DMA operations:
• A single linear buffer that stops on completion
• A linear buffer with negative, positive, or zero stride length
• A circular autorefreshing buffer that interrupts when each
buffer becomes full
Table 5. Memory Map of Mapped I/Os1
Byte Address Space
Arm Cortex-A55:
Data Access and
Instruction Fetch
SHARC+: Data Access
Normal Word Address Space
SHARC+ Data Access
VISA Address Space
SHARC+ Instruction Fetch
ISA Address Space
SHARC+ Instruction Fetch
SPI2/OSPI0 Memory
(512 MB)
0x60000000–0x600FFFFF
0x04000000–0x07FFFFFF
0x00F80000–0x00FFFFFF
0x00780000–0x007AAAAA
0x60100000–0x602FFFFF
Not available
0x007AAAAB–0x007FFFFF
0x60300000–0x603FFFFF
0x00E80000–0x00EFFFFF
0x00680000–0x006AAAAA
0x60400000–0x605FFFFF
Not available
0x006AAAAB–0x006FFFFF
0x60600000–0x6FFFFFFF
Not available
Not available
0x70000000–0x7FFFFFFF
Not available
Not available
Not available
1 The Arm Cortex-A55 can access the entire byte address space. The SHARC+ VISA/ISA address space for instruction fetch and the normal word address space for data access
do not cover the entire byte address space.
Table 6. DMC Memory Map1
Byte Address Space
Arm Cortex-A55: Data Access
and Instruction Fetch
SHARC+: Data Access
Normal Word Address Space
SHARC+ Data Access
VISA Address Space
SHARC+ Instruction Fetch
ISA Address Space
SHARC+ Instruction Fetch
DMC0 (1 GB)
0x80000000–0x805FFFFF
0x10000000–0x17FFFFFF
Not applicable
0x00400000–0x004FFFFF
0x80600000–0x809FFFFF
Not applicable
Not applicable
0x80A00000–0x80FFFFFF
0x00800000–0x00AFFFFF
Not applicable
0x81000000–0x9FFFFFFF
Not applicable
Not applicable
0xA0000000–0xBFFFFFFF
Not applicable
Not applicable
Not applicable
1 The Arm Cortex-A55 can access the entire byte address space. The SHARC+ VISA/ISA address space for instruction fetch and the normal word address space for data access
do not cover the entire byte address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com