Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 28Page - Analog Devices ADSP-SC596 Datasheet HTML 29Page - Analog Devices ADSP-SC596 Datasheet HTML 30Page - Analog Devices ADSP-SC596 Datasheet HTML 31Page - Analog Devices ADSP-SC596 Datasheet HTML 32Page - Analog Devices ADSP-SC596 Datasheet HTML 33Page - Analog Devices ADSP-SC596 Datasheet HTML 34Page - Analog Devices ADSP-SC596 Datasheet HTML 35Page - Analog Devices ADSP-SC596 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 32 of 134
|
May 2022
EMSI0_CLK
EMSI0 Clock
E
PE_09
EMSI0_CMD
EMSI0 Command
G
PG_01
EMSI0_D0
EMSI0 Data 0
D
PD_15
EMSI0_D1
EMSI0 Data 1
E
PE_01
EMSI0_D2
EMSI0 Data 2
E
PE_06
EMSI0_D3
EMSI0 Data 3
E
PE_08
EMSI0_D4
EMSI0 Data 4
G
PG_02
EMSI0_D5
EMSI0 Data 5
G
PG_08
EMSI0_D6
EMSI0 Data 6
G
PG_09
EMSI0_D7
EMSI0 Data 7
G
PG_10
EMSI0_RST
EMSI0 Reset
C
PC_04
EMSI0_WP
EMSI0 Write Protect
C
PC_06
ETH0_COL
EMAC0 MII Collision Detect
D
PD_07
ETH0_CRS
EMAC0 MII Carrier Sense
D
PD_02
ETH0_MDC
EMAC0 Serial Management Clock
H
PH_03
ETH0_MDIO
EMAC0 Serial Management Bidirectional Data
H
PH_04
ETH0_PHY_INT
EMAC0 PHY Interrupt
D
PD_12
ETH0_PTPAUX_MCG_IN0
EMAC0 PTP Auxiliary/Media Clock Generation Trigger Input 0
I
PI_02
ETH0_PTPAUX_MCG_IN1
EMAC0 PTP Auxiliary/Media Clock Generation Trigger Input 1
D
PD_05
ETH0_PTPAUX_MCG_IN2
EMAC0 PTP Auxiliary/Media Clock Generation Trigger Input 2
D
PD_03
ETH0_PTPAUX_MCG_IN3
EMAC0 PTP Auxiliary/Media Clock Generation Trigger Input 3
E
PE_09
ETH0_PTPCLKIN0
EMAC0 PTP Clock Input 0
I
PI_01
ETH0_PTPPPS0
EMAC0 Pulse Per Second Output 0
I
PI_04
ETH0_PTPPPS1
EMAC0 Pulse Per Second Output 1
I
PI_03
ETH0_PTPPPS2
EMAC0 Pulse Per Second Output 2
I
PI_05
ETH0_PTPPPS3
EMAC0 Pulse Per Second Output 3
I
PI_06
ETH0_RXCLK_REFCLK
EMAC0 RXCLK (10/100/1000) or REFCLK (10/100)
H
PH_07
ETH0_RXCTL_CRSRX_DV
EMAC0 RXCTL (RGMII) or CRS_DV (GMII) or RX_DV (MII)
H
PH_08
ETH0_RXD0
EMAC0 Receive Data 0
H
PH_05
ETH0_RXD1
EMAC0 Receive Data 1
H
PH_06
ETH0_RXD2
EMAC0 Receive Data 2
H
PH_11
ETH0_RXD3
EMAC0 Receive Data 3
H
PH_12
ETH0_RXERR
EMAC0 Receive Error
D
PD_06
ETH0_TXCLK
EMAC0 Transmit Clock
H
PH_14
ETH0_TXCTL_TXEN
EMAC0 TXCTL (10/100/1000) or TXEN (10/100)
H
PH_13
ETH0_TXD0
EMAC0 Transmit Data 0
H
PH_09
ETH0_TXD1
EMAC0 Transmit Data 1
H
PH_10
ETH0_TXD2
EMAC0 Transmit Data 2
H
PH_15
ETH0_TXD3
EMAC0 Transmit Data 3
I
PI_00
ETH1_CRS
EMAC1 Carrier Sense
F
PF_03
ETH1_MDC
EMAC1 Serial Management Clock
F
PF_02
ETH1_MDIO
EMAC1 Serial Management Bidirectional Data
F
PF_01
ETH1_REFCLK
EMAC1 Reference Clock
E
PE_11
ETH1_RXD0
EMAC1 Receive Data 0
E
PE_15
ETH1_RXD1
EMAC1 Receive Data 1
F
PF_00
ETH1_TXD0
EMAC1 Transmit Data 0
E
PE_13
ETH1_TXD1
EMAC1 Transmit Data 1
E
PE_14
ETH1_TXEN
EMAC1 Transmit Enable
E
PE_12
Table 10. ADSP-SC595/SC596/SC598 400-Ball BGA_ED Signal Descriptions (Continued)
Signal Name
Description
Port
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com