Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 13Page - Analog Devices ADSP-SC596 Datasheet HTML 14Page - Analog Devices ADSP-SC596 Datasheet HTML 15Page - Analog Devices ADSP-SC596 Datasheet HTML 16Page - Analog Devices ADSP-SC596 Datasheet HTML 17Page - Analog Devices ADSP-SC596 Datasheet HTML 18Page - Analog Devices ADSP-SC596 Datasheet HTML 19Page - Analog Devices ADSP-SC596 Datasheet HTML 20Page - Analog Devices ADSP-SC596 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 17 of 134
|
May 2022
Some advanced features of the EMAC include the following:
• Automatic checksum computation of IP header and IP
payload fields of receive frames
• Independent 32-bit descriptor driven receive and transmit
DMA channels
• Frame status delivery to memory through DMA, including
frame completion semaphores for efficient buffer queue
management in software
• Transmit DMA support for separate descriptors for MAC
header and payload fields to eliminate buffer copy
operations
• Convenient frame alignment modes
• 47 MAC management statistics counters with selectable
clear on read behavior and programmable interrupts on
half maximum value
• Advanced power management
• Magic packet detection and wakeup frame filtering
• Support for 802.3Q tagged VLAN frames
• Programmable MDC clock rate and preamble suppression
Audio Video Bridging (AVB) Support
The 10/100/1000 EMAC supports the following audio video
bridging (AVB) features:
• Separate channels or queues for AV data transfer in
100 Mbps and 1000 Mbps modes
• IEEE 802.1-Qav specified credit-based shaper (CBS) algo-
rithm for the additional transmit channels
•Configuring up to seven additional channels on the trans-
mit and receive paths for AV traffic. Channel 0 is available
by default and carries the legacy best effort Ethernet traffic
on the transmit side.
• Separate DMA, transmit and receive FIFO for AVB latency
class
• Programmable control to route received VLAN tagged non
AV packets to channels or queues
Precision Time Protocol (PTP) IEEE 1588 Support
The IEEE 1588 standard is a precision clock synchronization
protocol for networked measurement and control systems. The
processors include hardware support for IEEE 1588 with an
integrated precision time protocol synchronization engine
(PTP_TSYNC).
This engine provides hardware assisted time stamping to
improve the accuracy of clock synchronization between PTP
nodes. The main features of the engine include the following:
• Support for both IEEE 1588-2002 and IEEE 1588-2008 pro-
tocol standards
• Hardware assisted time stamping capable of up to 12.5 ns
resolution
• Lock adjustment
• Automatic detection of IPv4 and IPv6 packets, as well as
PTP messages
• Multiple input clock sources (SCLK0, RGMII, RMII, MII
clock, and external clock)
• Programmable pulse per second (PPS) output
• Auxiliary snapshot to time stamp external events
Controller Area Network with Flexible Data-Rate
(CAN FD)
There are two controller area network (CAN) modules. A CAN
controller implements the CAN with flexible data-rate (CAN
FD) and the CAN 2.0B protocol supporting both standard and
extended message frames and long payloads up to 64 bytes,
transferred at rates of up to 8 Mbps. This protocol is an
asynchronous communications protocol used in both industrial
and automotive control systems. The CAN protocol is well
suited for control applications due to the capability to commu-
nicate reliably over a network. This is because the protocol
incorporates CRC checking, message error tracking, and fault
node confinement.
The CAN FD controller offers the following features:
• Flexible mailboxes configurable to store 0 to 8, 16, 32, or 64
bytes
• Dedicated receiver masks for each mailbox
• Flexible message buffers up to 64 buffers of 8 bytes length
each, configurable as receive or transmit
• Programmable transmission priority scheme
• Transceiver delay compensation when transmitting CAN
FD messages at faster data rates
• Memory read accesses error detection and correction
An additional crystal is not required to supply the CAN clock
because it is derived from a system clock through a programma-
ble divider.
Timers
The processors include several timers that are described in the
following sections.
General-Purpose (GP) Timers (TIMER)
There is one general-purpose (GP) timer unit, providing 16 GP
programmable timers. Each timer has an external pin that can
be configured as PWM or timer output, as an input to clock the
timer, or as a mechanism for measuring pulse widths and peri-
ods of external events. These timers can be synchronized to an
external clock input on the TM_TMR[n] pins, an external
TM_CLK input pin, or to the internal SCLK0.
These timer units can be used in conjunction with the UARTs
and the CAN controller to measure the width of the pulses in
the data stream to provide a software autobaud detect function
for the respective serial channels.
The GP timers can generate interrupts to the processor core,
providing periodic events for synchronization to either the sys-
tem clock or to external signals. Timer events can also trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com