Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 76 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 72Page - Analog Devices ADSP-SC596 Datasheet HTML 73Page - Analog Devices ADSP-SC596 Datasheet HTML 74Page - Analog Devices ADSP-SC596 Datasheet HTML 75Page - Analog Devices ADSP-SC596 Datasheet HTML 76Page - Analog Devices ADSP-SC596 Datasheet HTML 77Page - Analog Devices ADSP-SC596 Datasheet HTML 78Page - Analog Devices ADSP-SC596 Datasheet HTML 79Page - Analog Devices ADSP-SC596 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 134 page
background image
Rev. PrD
|
Page 76 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Serial Ports (SPORTs)
To determine whether a device is compatible with the SPORT at clock speed n, the following specifications must be confirmed: frame sync
delay and frame sync setup and hold; data delay and data setup and hold; and serial clock (SPTx_CLK) width. In Figure 14, either the ris-
ing edge or the falling edge of SPTx_A/BCLK (external or internal) can be used as the active sampling edge.
When externally generated, the SPORT clock is called fSPTCLKEXT:
When internally generated, the programmed SPORT clock (fSPTCLKPROG) frequency in megahertz is set by the following equation:
where CLKDIV is a field in the SPORT_DIV register that can be set from 0 to 65,535.
Table 43. SPORTs—External Clock1
1 Specifications apply to all four SPORTs.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSFSE
Frame Sync Setup Before SPTx_CLK
(Externally Generated Frame Sync in Either Transmit or Receive
Mode)2
2 Referenced to sample edge.
2ns
tHFSE
Frame Sync Hold After SPTx_CLK
(Externally Generated Frame Sync in Either Transmit or Receive
Mode)2
3ns
tSDRE
Receive Data Setup Before Receive SPTx_CLK2
2ns
tHDRE
Receive Data Hold After SPTx_CLK2
3ns
tSPTCLKW
SPTx_CLK Width3
3 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the ideal maximum external SPTx_CLK.
For the external SPTx_CLK ideal maximum frequency, see the fSPTCLKEXT specification in Table 22.
0.5 × tSPTCLKEXT – 1.5
ns
tSPTCLK
SPTx_CLK Period3
tSPTCLKEXT – 1.5
ns
Switching Characteristics
tDFSE
Frame Sync Delay After SPTx_CLK
(Internally Generated Frame Sync in Either Transmit or Receive
Mode)4
4 Referenced to drive edge.
12
ns
tHOFSE
Frame Sync Hold After SPTx_CLK
(Internally Generated Frame Sync in Either Transmit or Receive
Mode)4
2ns
tDDTE
Transmit Data Delay After Transmit SPTx_CLK4
12
ns
tHDTE
Transmit Data Hold After Transmit SPTx_CLK4
2ns
tSPTCLKEXT
1
fSPTCLKEXT
-----------------
=
fSPTCLKPROG
fSCLK0
CLKDIV
1
+

------------------------
=
tSPTCLKPROG
1
fSPTCLKPROG
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com