Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 62 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 58Page - Analog Devices ADSP-SC596 Datasheet HTML 59Page - Analog Devices ADSP-SC596 Datasheet HTML 60Page - Analog Devices ADSP-SC596 Datasheet HTML 61Page - Analog Devices ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 134 page
background image
Rev. PrD
|
Page 62 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
fTMRCLKEXT
External Timer Clock (TMx_CLK)
fTMRCLKEXT ≤ fSCLK0/4
31.25
MHz
fBCLK
Bit Clock Input to PDM
24.576
MHz
fPDM_CLK
PDM Output Clock
6.144
MHz
fUSBC0_CLK
Input Clock From External USB PHY
60
MHz
1 When using MLB, there is a requirement that the fSYSCLK value must be a minimum of 100 MHz for 3-pin mode and for all supported speeds.
2 To ensure proper operation of the DDR3/3L, all the DDR3/3L guidelines must be strictly followed. See ADSP-SC595/SC596/SC598 Board Design Guidelines for Dynamic
Memory Controller (EE-TBD).
3 fOCLK must not exceed fSCLK0 when selected as SYS_CLKOUT.
4 SYS_CLKOUT jitter is dependent on the application system design including pin switching activity, board layout, and the jitter characteristics of the SYS_CLKIN source. Due
to the dependency on these factors, the measured jitter may be higher or lower than this typical specification for each end application.
5 The value in the Typ field is the percentage of the SYS_CLKOUT period.
6 The maximum achievable frequency for any peripheral in external clock mode is dependent on being able to meet the setup and hold times in the ac timing specifications
section for that peripheral.
7 The peripheral external clock frequency must also be less than or equal to the frequency that clocks the peripheral.
Table 23. Preliminary Phase-Locked Loop (PLL) Operating Conditions
Parameter
Min
Max
Unit
fPLLCLK
PLL Clock Frequency
1.20
2.00
GHz
Figure 6. Clock Relationships and Divider Values
Table 22. Preliminary Clock Operating Conditions (Continued)
Parameter
Conditions
Min
Typ
Max
Unit
SYS_CLKIN
PLL
DCLK
SYSCLK
CCLK OR ARMCCLK
CSEL
SYSSEL
DSEL
OUTCLK
OSEL
PLLCLK
SCLK1
S1SELEXEN
S1SEL
S1SELEX
REFER TO THE ADSP-SC595/SC596/SC598 SHARC+ PROCESSOR HARDWARE REFERENCE
FOR INFORMATION ABOUT ALLOWED DIVIDER VALUES AND PROGRAMMING MODELS.
÷ 2
VCO
ARMCCLK
SCLK0
S0SELEXEN
S0SEL
S0SELEX
÷ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com