Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 60 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 56Page - Analog Devices ADSP-SC596 Datasheet HTML 57Page - Analog Devices ADSP-SC596 Datasheet HTML 58Page - Analog Devices ADSP-SC596 Datasheet HTML 59Page - Analog Devices ADSP-SC596 Datasheet HTML 60Page - Analog Devices ADSP-SC596 Datasheet HTML 61Page - Analog Devices ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 134 page
background image
Rev. PrD
|
Page 60 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
PRELIMINARY SPECIFICATIONS
Specifications are subject to change without notice. For information about product specifications, contact your Analog Devices, Inc.,
representative.
PRELIMINARY OPERATING CONDITIONS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Parameter
Conditions
Min
Nominal
Max
Unit
VDD_INT
Internal (Core) Supply Voltage
600 MHz ≤ CCLK ≤ 1 GHz 0.95
1.00
1.05
V
VDD_PLL
PLL Supply Voltage
0.95
1.00
1.05
V
VDD_EXT
External (I/O) Supply Voltage
3.13
3.30
3.47
V
VDD_ANA
Analog Power Supply Voltage
1.71
1.80
1.89
V
VDD_DMC
1
1 Applies to DDR3L/DDR3 signals.
DDR3L Controller Supply Voltage
1.34
1.39
1.44
V
DDR3 Controller Supply Voltage
1.425
1.500
1.575
V
VDD_REF
2
2 Applies to SYS_CLKIN0 pin.
External (I/O) Reference Supply Voltage
1.71
1.80
1.89
V
VDDR_VREF
3
3 Applies to DMC0_VREF0 and DMC0_VREF1 pins.
DDR3 Reference Voltage
0.49 × VDD_DMC
0.50 × VDD_DMC 0.51 × VDD_DMC
V
VDELTA_EXT_REF
4
4 See Figure 8.
(VDD_EXT – VDD_REF) and (VDD_EXT – VDD_ANA)
–1.89
+1.89
V
VHADC_REF
5
5 VHADC_VREF must always be less than VDD_ANA.
HADC Reference Voltage
1.71
1.80
VDD_ANA
V
VHADC0_VINx
HADC Input Voltage
0
VHADC_REF + 0.09 V
VIH
6
6 Parameter value applies to all input and bidirectional pins except the DMC pins.
High Level Input Voltage
VDD_EXT = 3.47 V
2.0
V
VIHCLKIN
2
High Level Clock Input Voltage
0.65 × VDD_REF
VDD_REF
V
VIL
6
Low Level Input Voltage
VDD_EXT = 3.13 V
0.8
V
VILCLKIN
2
Low Level Clock Input Voltage
–0.30
+0.35 × VDD_REF
V
VIL_DDR3L
7
7 This parameter applies to all DMC0 pins.
Low Level Input Voltage
VDD_DMC = 1.34 V
VDDR_VREF – 0.175 V
VIL_DDR3
7
Low Level Input Voltage
VDD_DMC = 1.425 V
VDDR_VREF – 0.175 V
VIH_DDR3L
7
High Level Input Voltage
VDD_DMC = 1.44 V
VDDR_VREF + 0.175
V
VIH_DDR3
7
High Level Input Voltage
VDD_DMC = 1.575 V
VDDR_VREF + 0.175
V
CONSUMER GRADE
TJ
Junction Temperature
400-Ball BGA_ED
0125
°C
INDUSTRIAL GRADE
TJ
Junction Temperature
400-Ball BGA_ED
–40
+125
°C
AUTOMOTIVE GRADE8
8 Automotive application use profile only. Not supported for nonautomotive use. Contact Analog Devices for more information.
TJ
Junction Temperature
400-Ball BGA_ED
–40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com