Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 91 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 87Page - Analog Devices ADSP-SC596 Datasheet HTML 88Page - Analog Devices ADSP-SC596 Datasheet HTML 89Page - Analog Devices ADSP-SC596 Datasheet HTML 90Page - Analog Devices ADSP-SC596 Datasheet HTML 91Page - Analog Devices ADSP-SC596 Datasheet HTML 92Page - Analog Devices ADSP-SC596 Datasheet HTML 93Page - Analog Devices ADSP-SC596 Datasheet HTML 94Page - Analog Devices ADSP-SC596 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
Rev. PrD
|
Page 91 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
SPI Port—SPIx_RDY Master Timing
SPIx_RDY is used to provide flow control. CPOL and CPHA are configuration bits in the SPIx_CTL register, whereas LEADX, LAGX,
and STOP are configuration bits in the SPIx_DLY register.
Table 55. SPI Port—SPIx_RDY Master Timing1
1 All specifications apply to all three SPIs.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Conditions
Min
Max
Unit
Timing Requirement
tSRDYSCKM
Setup Time for SPIx_RDY
Deassertion Before Last Valid
Data SPIx_CLK Edge
(2 + 2 × BAUD2) × tCDU_CLKO6 + 11
2 BAUD value is set using the SPIx_CLK.BAUD bits. BAUD value = SPIx_CLK.BAUD bits + 1.
ns
Switching Characteristic
tDRDYSCKM
3
3 Specification assumes the LEADX, LAGX, and STOP bits in the SPI_DLY register are zero.
Assertion of SPIx_RDY to First
SPIx_CLK Edge of Next Transfer
BAUD = 0, CPHA = 0 4.5 × tCDU_CLKO6
5.5 × tCDU_CLKO6 + 12
ns
BAUD = 0, CPHA = 1 4 × tCDU_CLKO6
5 × tCDU_CLKO6 + 12
ns
BAUD > 0, CPHA = 0 (1 + 1.5 × BAUD2) × tCDU_CLKO6
(2 + 2.5 × BAUD2) × tCDU_CLKO6 +12 ns
BAUD > 0, CPHA = 1 (1 + 1 × BAUD2) × tCDU_CLKO6
(2 + 2 × BAUD2) × tCDU_CLKO6 + 12 ns
Figure 25. SPIx_RDY Setup Before SPIx_CLK
SPIx_CLK
(CPOL = 0)
SPIx_CLK
(CPOL = 1)
tSRDYSCKM
SPIx_RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com