Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-SC596 Datasheet(PDF) 65 Page - Analog Devices

Part # ADSP-SC596
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 61Page - Analog Devices ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices ADSP-SC596 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 134 page
background image
Rev. PrD
|
Page 65 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
IDD_IDLE
VDD_INT Current in Idle
fCCLK = 400 MHz
ASFSHARC =0.35
fSYSCLK =200 MHz
fSCLK0 = 100 MHz
fSCLK1 = 250 MHz
(Other clocks are disabled)
No peripheral or DMA activity
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
IDD_TYP
VDD_INT Current
fCCLK = 400 MHz
ASFSHARC =1.0
fSYSCLK =200 MHz
fSCLK0 = 100 MHz
fSCLK1 = 250 MHz
(Other clocks are disabled)
DMA data rate = 456 MB/s
TJ = 25°C
VDD_INT = 1.0 V
TBD
mA
IDD_INT
11
VDD_INT Current
fCCLK 0 MHz
fSCLK0/1  0 MHz
IDD_INT_TOT
See equation in
the Total
Internal Power
Dissipation
section.
mA
1 Applies to all output and bidirectional pins operating at less than or equal to 62.5 MHz, except DMC and SYS_XTAL0.
2 Applies to all output and bidirectional pins operating above 62.5 MHz and less than or equal to 125 MHz, except DMC.
3 Applies to SYS_XTAL0 pin.
4 Applies to all DMC output and bidirectional signals in DDR3L mode.
5 Applies to all DMC output and bidirectional signals in DDR3 mode.
6 Applies to input pins: SYS_BMODE2-0, SYS_CLKIN, and SYS_HWRST.
7 Applies to input pins with internal pull-ups: JTG_TDI, JTG_TMS, and JTG_TCK.
8 Applies to JTAG_TRST signal.
9 Applies to signals: PA15 to PA0, PB15 to PB0, PC7 to PC0, DAI0_PINx, DAI1_PINx, DMC0_DQx, DMC0_LDQS, DMC0_UDQS, DMC0_LDQS, DMC0_UDQS,
SYS_FAULT, and JTG_TDO.
10Applies to all signal pins.
11See Estimating Power for ADSP-SC595/SC596/SC598 SHARC+ Processors (EE-TBD) for further information.
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com