Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 18 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB333X Datasheet HTML 14Page - Microchip Technology USB333X Datasheet HTML 15Page - Microchip Technology USB333X Datasheet HTML 16Page - Microchip Technology USB333X Datasheet HTML 17Page - Microchip Technology USB333X Datasheet HTML 18Page - Microchip Technology USB333X Datasheet HTML 19Page - Microchip Technology USB333X Datasheet HTML 20Page - Microchip Technology USB333X Datasheet HTML 21Page - Microchip Technology USB333X Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
USB333x
DS00001880A-page 18
 2009 - 2015 Microchip Technology Inc.
Note 4-6
The resistor value follows the 27% Resistor ECN published by the USB-IF.
Note 4-7
The values shown are valid when the USB RegOutput bits in the USB IO & Power Management
register are set to the default value.
Note 4-8
An automatic waiver up to 200mV is granted to accommodate system-level elements such as
measurement/test fixtures, captive cables, EMI components, and ESD suppression. This parameter
can be tuned using VariSense technology, as defined in the HS Compensation Register section of
Section 7.0, "ULPI Register Map".
Termination
Driver Output Impedance for
HS
ZHSDRV
Steady state drive
40.5
45
49.5
Ω
Input Impedance
ZINP
RX, RPU, RPD disabled
1.0
MΩ
Pull-up Resistor Impedance
RPU
Bus Idle, Note 4-6
0.900
1.24
1.575
kΩ
Pull-up Resistor Impedance
RPU
Device Receiving, Note 4-6 1.425
2.26
3.09
kΩ
Pull-dn Resistor Impedance
RPD
Note 4-6
14.25
16.9
20
kΩ
HS FUNCTIONALITY
Input levels
HS Differential Input Sensitivity VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
HS Squelch Detection
Threshold (Differential)
VHSSQ
VariSense[1:0]
= 00b
Note 4-8
100
150
mV
HS Disconnect Threshold
VHSDSC
525
625
mV
Output Levels
High Speed Low Level
Output Voltage (DP/DM
referenced to GND)
VHSOL
45Ω load
-10
10
mV
High Speed High Level
Output Voltage (DP/DM
referenced to GND)
VHSOH
45Ω load
360
440
mV
High Speed IDLE Level
Output Voltage (DP/DM
referenced to GND)
VOLHS
45Ω load
-10
10
mV
Chirp-J Output Voltage
(Differential)
VCHIRPJ
HS termination resistor
disabled, pull-up resistor
connected. 45Ω load.
700
1100
mV
Chirp-K Output Voltage
(Differential)
VCHIRPK
HS termination resistor
disabled, pull-up resistor
connected. 45Ω load.
-900
-500
mV
Leakage Current
OFF-State Leakage Current
ILZ
±10
uA
Port Capacitance
Transceiver Input Capacitance CIN
Pin to GND
5
10
pF
TABLE 4-6:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com