Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 53 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 53 Page - Microchip Technology

Back Button USB333X Datasheet HTML 49Page - Microchip Technology USB333X Datasheet HTML 50Page - Microchip Technology USB333X Datasheet HTML 51Page - Microchip Technology USB333X Datasheet HTML 52Page - Microchip Technology USB333X Datasheet HTML 53Page - Microchip Technology USB333X Datasheet HTML 54Page - Microchip Technology USB333X Datasheet HTML 55Page - Microchip Technology USB333X Datasheet HTML 56Page - Microchip Technology USB333X Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 53
USB333x
6.5.2
EXITING LOW POWER MODE
To exit Low Power Mode, the Link will assert STP. Upon the assertion of STP, the USB333x will begin its start-up pro-
cedure. After the PHY start-up is complete, the PHY will start the clock on CLKOUT and de-assert DIR. After DIR has
been de-asserted, the Link can de-assert STP when ready and start operating in Synchronous Mode. The PHY will auto-
matically set the SuspendM bit to a 1 in the Function Control register.
The value for TSTART is given in Table 4-3.
Should the Link de-assert STP before DIR is de-asserted, the USB333x will detect this as a false resume request and
return to Low Power Mode. This is detailed in Section 3.9.4 of the UTMI+ Low Pin Interface (ULPI) Specification Revision
1.1.
6.5.3
LINK POWER MANAGEMENT (LPM)
When the USB333x is operating with a Link capable of Link Power Management, the Link will place the USB333x in and
out of suspend rapidly to conserve power. The USB333x provides a fast suspend recovery that allows the USB333x to
meet the suspend recovery time detailed in the Link Power Management ECN to the USB 2.0 specification.
When the Link places the USB333x into suspend during Link Power Management, the LPM Enable bit of the HS Com-
pensation Register must be set to 1. This allows the USB333x to start-up in the time specified in Table 4-3.
6.5.4
INTERFACE PROTECTION
ULPI protocol assumes that both the Link and PHY will keep the ULPI data bus driven by either the Link when DIR is
low or the PHY when DIR is high. The only exception is when DIR has changed state and a turn around cycle occurs
for 1 clock period.
In the design of a USB system, there can be cases where the Link may not be driving the ULPI bus to a known state
while DIR is low. Two examples where this can happen is because of a slow Link start-up or a hardware reset.
6.5.4.1
Start up Protection
Upon start-up, when the PHY de-asserts DIR, the Link must be ready to receive commands and drive Idle on the data
bus. If the Link is not ready to receive commands or drive Idle, it must assert STP before DIR is de-asserted. The Link
can then de-assert STP when it has completed its start-up. If the Link doesn’t assert STP before it can receive com-
mands, the PHY may interpret the data bus state as a TX CMD and transmit invalid data onto the USB bus, or make
invalid register writes.
FIGURE 6-12:
EXITING LOW POWER MODE
DIR
CLK
DATA[7:0]
STP
TURN
AROUND
LOW
POWER MODE
DATA BUS IGNORED (SLOW LINK)
IDLE (FAST LINK)
IDLE
T0
T1
T2
T3
T5
T4
Slow Link Drives Bus
Idle and STP low
Fast Link Drives Bus
Idle and STP low
...
Note: Not to Scale
TSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com