Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 15 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB333X Datasheet HTML 11Page - Microchip Technology USB333X Datasheet HTML 12Page - Microchip Technology USB333X Datasheet HTML 13Page - Microchip Technology USB333X Datasheet HTML 14Page - Microchip Technology USB333X Datasheet HTML 15Page - Microchip Technology USB333X Datasheet HTML 16Page - Microchip Technology USB333X Datasheet HTML 17Page - Microchip Technology USB333X Datasheet HTML 18Page - Microchip Technology USB333X Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 15
USB333x
4.0
ELECTRICAL CHARACTERISTICS
The following conditions are assumed unless otherwise specified:
VBAT = 3.0 to 5.5V; VDDIO = 1.6 to 3.6V; VSS = 0V; TA = -40C to +85C
4.1
Operating Current
Note 4-1
ClockSuspendM
bit = 0.
Note 4-2
SessEnd, VbusVld, and IdFloat comparators disabled. STP Interface protection disabled.
Note 4-3
REFCLK is OFF.
TABLE 4-1:
OPERATING CURRENT (USB3330, USB3331, USB3336, AND USB3338)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Synchronous Mode Current
(Default Configuration)
IVBAT(SYNC)
USB Idle
21
22
26
mA
Synchronous Mode Current
(HS USB operation)
IVBAT(HS)
Active USB Transfer
33
36
40
mA
Synchronous Mode Current
(FS/LS USB operation)
IVBAT(FS)
Active USB Transfer
27
28
32
mA
Serial Mode Current
(FS/LS USB)
Note 4-1
IVBAT(FS_S)
57
8
mA
USB UART Current
Note 4-1
IVBAT(UART)
67
8
mA
USB Audio Mode
Note 4-2
IVBAT(AUDIO)
VVBAT = 4.2V
58
68
114
uA
Low Power Mode
Note 4-2
IVBAT(SUSPEND)
VVBAT = 4.2V
27
31
71
uA
RESET Mode
IVBAT(RSTB)
RESETB
= 0
VVBAT = 4.2V
0.1
1.5
10
uA
TABLE 4-2:
OPERATING CURRENT (USB3333)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Synchronous Mode Current
(Default Configuration)
IVBAT(SYNC)
USB Idle
20
22
24
mA
IVIO(SYNC)
23
8.5
mA
Synchronous Mode Current
(HS USB operation)
IVBAT(HS)
Active USB Transfer
29
31
35
mA
IVIO(HS)
58
17
mA
Synchronous Mode Current
(FS/LS USB operation)
IVBAT(FS)
Active USB Transfer
22
23
30
mA
IVIO(FS)
59
16
mA
Serial Mode Current
(FS/LS USB)
Note 4-1
IVBAT(FS_S)
67
8
mA
IVIO(FS_S)
00.1
0.5
mA
USB UART Current
Note 4-1
IVBAT(UART)
67
8
mA
IVIO(UART)
00.1
0.5
mA
Low Power Mode
Note 4-2
Note 4-3
IVBAT(SUSPEND)
VVBAT = 4.2V
VVDDIO = 1.8V
28
32
60
uA
IVIO(SUSPEND)
00
2
uA
RESET Mode
Note 4-3
IVBAT(RSTB)
RESETB
= 0
VVBAT = 4.2V
VVDDIO = 1.8V
0.1
1.6
7
uA
IVIO(RSTB)
00.1
3
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com