Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 27 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB333X Datasheet HTML 23Page - Microchip Technology USB333X Datasheet HTML 24Page - Microchip Technology USB333X Datasheet HTML 25Page - Microchip Technology USB333X Datasheet HTML 26Page - Microchip Technology USB333X Datasheet HTML 27Page - Microchip Technology USB333X Datasheet HTML 28Page - Microchip Technology USB333X Datasheet HTML 29Page - Microchip Technology USB333X Datasheet HTML 30Page - Microchip Technology USB333X Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 27
USB333x
5.4.1.1
ULPI Clock Output Mode
When using ULPI Clock Output Mode, the USB333x generates the 60MHz ULPI clock used by the Link. In this mode,
the REFCLK pin must be driven with the model-specific frequency, and the CLKOUT pin sources the 60MHz ULPI clock
to the Link. When using ULPI Clock Output Mode, the system must not drive the CLKOUT pin following POR or hard-
ware reset with a voltage that exceeds the value of VIH_ED provided in Table 4-4. An example of ULPI Clock Out Mode
is shown in Figure 8-1
After the PLL has locked to the correct frequency, the USB333x generates the 60MHz ULPI clock on the CLKOUT pin,
and de-asserts DIR to indicate that the PLL is locked. The USB333x is set to start the clock within the time specified in
Table 4-3, and it will be accurate to within ±500ppm. For Host applications the ULPI AutoResume bit should be enabled.
This is described in Section 6.4.1.4.
When using ULPI Clock Output Mode, the edges of the reference clock do not need to be aligned in any way to the ULPI
interface signals. There is no need to align the phase of the REFCLK and the CLKOUT.
TABLE 5-2:
REF[1:0] VS. REQUIRED FREQUENCY AT REFCLK (USB3330)
REF[1:0]
REFCLK
Frequency
00
19.2 MHz
01
26 MHz
10
13 MHz
11
24 MHz
TABLE 5-3:
REF[0] VS. REQUIRED FREQUENCY AT REFCLK (USB3333)
REF[0]
REFCLK
Frequency
0
19.2 MHz
126 MHz
FIGURE 5-4:
CONFIGURING THE USB333X FOR ULPI CLOCK OUTPUT MODE
CLKOUT
REFCLK
PHY
From PLL
Clock
Source
To PLL
Link
ULPI Clk In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com