Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 38 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB333X Datasheet HTML 34Page - Microchip Technology USB333X Datasheet HTML 35Page - Microchip Technology USB333X Datasheet HTML 36Page - Microchip Technology USB333X Datasheet HTML 37Page - Microchip Technology USB333X Datasheet HTML 38Page - Microchip Technology USB333X Datasheet HTML 39Page - Microchip Technology USB333X Datasheet HTML 40Page - Microchip Technology USB333X Datasheet HTML 41Page - Microchip Technology USB333X Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
USB333x
DS00001880A-page 38
 2009 - 2015 Microchip Technology Inc.
5.8.2
RESISTIVE CHARGER DETECTION
To support the detection and identification of different types of USB chargers the USB333x provides integrated pull-up
resistors, RCD, on both DP and DM. These pull-up resistors along with the single ended receivers can be used to deter-
mine the type of USB charger attached. Reference information on implementing charger detection is provided in Section
8.2, "USB Charger Detection".
5.9
USB Audio Support (USB3331, USB3336, and USB3338)
The USB333x provides two low resistance analog switches that allow analog audio to be multiplexed over the DP and
DM terminals of the USB connector. The audio switches are shown in Figure 5-1. The electrical characteristics of the
USB Audio Switches are provided in Table 4-11.
During normal USB operation the switches are off. When USB Audio is desired the switches can be turned “on” by
enabling the SpkLeftEn, SpkRightEn, or MicEn bits in the Carkit Control register as described in Section 6.7.2. These
bits are disabled by default.
The RESETB pin must be high when using the analog switches so that the VDD33 supply is present. If the VDD33 sup-
ply is applied externally and RESETB is held low the switches will be off.
TABLE 5-9:
USB CHARGER SETTING VS. MODES
Charger Detection Modes
Device Connect Detect
(The Connect Detect setting in Table 5-1 must be followed)
00
1001
Device Charger Detection
1
1
0000
Device USB Operation
0
0
0000
Charging Host Port, no charging device attached and SE0
(VdatDet = 0)
01
0111
Charging Host Port, charging device attached (VdatDet = 1)
11
0111
Charging Host Port USB Operation
0
0
0111
Note:
The Resistive Charger Detection has been superseded by the Active Analog Charger Detection detailed
above. It is recommended that new designs use the Active Analog Charger Detection.
TABLE 5-10:
USB WEAK PULL-UP ENABLE
RESETB
DP Pullup Enable
DM Pullup Enable
00
0
1
ChargerPullupEnableDP
ChargerPullupEnableDM
Note:
ChargerPullupEnableDP
and ChargerPullupEnableDM are enabled in the USB IO & Power Management
register.
Note:
The USB333x supports “USB Digital Audio” through the USB protocol in ULPI and USB Serial modes
described in Section 6.0, "ULPI Operation".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com