Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 59 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 59 Page - Microchip Technology

Back Button USB333X Datasheet HTML 55Page - Microchip Technology USB333X Datasheet HTML 56Page - Microchip Technology USB333X Datasheet HTML 57Page - Microchip Technology USB333X Datasheet HTML 58Page - Microchip Technology USB333X Datasheet HTML 59Page - Microchip Technology USB333X Datasheet HTML 60Page - Microchip Technology USB333X Datasheet HTML 61Page - Microchip Technology USB333X Datasheet HTML 62Page - Microchip Technology USB333X Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 59
USB333x
7.1.1
ULPI REGISTER SET
The following registers are used for the ULPI interface.
7.1.1.1
Vendor ID Low
Address = 00h (read only)
7.1.1.2
Vendor ID High
Address = 01h (read only)
7.1.1.3
Product ID Low
ARCHITECTURE NOTE:
Address = 02h (read only)
Note 7-2
USB333x: Default = 0Bh
7.1.1.4
Product ID High
Address = 03h (read only)
7.1.1.5
Function Control
Address = 04-06h (read), 04h (write), 05h (set), 06h (clear)
Field Name
Bit
Access
Default
Description
Vendor ID Low
7:0
rd
24h
MCHP Vendor ID
Field Name
Bit
Access
Default
Description
Vendor ID High
7:0
rd
04h
MCHP Vendor ID
Field Name
Bit
Access
Default
Description
Product ID Low
7:0
rd
Note 7-2
MCHP Product ID
Field Name
Bit
Access
Default
Description
Product ID High
7:0
rd
00h
MCHP Product ID
Field Name
Bit
Access
Default
Description
XcvrSelect[1:0]
1:0
rd/w/s/c
01b
Selects the required transceiver speed.
00b: Enables HS transceiver
01b: Enables FS transceiver
10b: Enables LS transceiver
11b: Enables FS transceiver for LS packets (FS
preamble automatically pre-pended)
TermSelect
2
rd/w/s/c
0b
Controls the DP and DM termination depending on
XcvrSelect
, OpMode, DpPulldown, and DmPulldown.
The DP and DM termination is detailed in Table 5-1.
OpMode
4:3
rd/w/s/c
00b
Selects the required bit encoding style during transmit.
00b: Normal Operation
01b: Non-Driving
10b: Disable bit-stuff and NRZI encoding
11b: Reserved
Reset
5
rd/w/s/c
0b
Active high transceiver reset. This reset does not reset
the ULPI interface or register set. Automatically clears
after reset is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com