Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 66 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 66 Page - Microchip Technology

Back Button USB333X Datasheet HTML 62Page - Microchip Technology USB333X Datasheet HTML 63Page - Microchip Technology USB333X Datasheet HTML 64Page - Microchip Technology USB333X Datasheet HTML 65Page - Microchip Technology USB333X Datasheet HTML 66Page - Microchip Technology USB333X Datasheet HTML 67Page - Microchip Technology USB333X Datasheet HTML 68Page - Microchip Technology USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
USB333x
DS00001880A-page 66
 2009 - 2015 Microchip Technology Inc.
7.1.2.4
Carkit Interrupt Latch
Address = 21h (read only with auto-clear)
Note 7-4
rd: Read Only with auto clear
7.1.3
VENDOR REGISTER ACCESS
The vendor specific registers include the range from 30h to 3Fh. These can be accessed by the ULPI immediate register
read / write.
7.1.3.1
HS Compensation Register
Address = 31h (read / write)
The USB333x is designed to meet the USB specifications and requirements when the DP and DM signals are properly
designed on the PCB. The DP and DM trace impedance should be 45ohm single ended and 90ohm differential. In cases
where the DP and DM traces are not able to meet these requirements the HS Compensation register can be used to
compensate for the losses in signal amplitude.
Field Name
Bit
Access
Default
Description
IdFloat Latch
0rd (Note 7-
4)
0b
Asserted if the state of the ID pin changes from non-
floating to floating while the IdFloatRise bit is enabled
or if the state of the ID pin changes from floating to
non-floating while the IdFloatFall bit is enabled.
VdatDet Latch
1rd
0b
If VdatDetIntEn is set and the VdatDet bit changes
state, this bit will be asserted.
CarDp Latch
2
rd
0b
Not Implemented. Reads as 0b.
RidConversionLatch
3rd
(Note 7-4)
0b
If RidIntEn is set and the state of the
RidConversionDone
bit changes from a 0 to 1 this bit
will be asserted.
Reserved
7:4
rd
0000b
Read only, 0.
Field Name
Bit
Access
Default
Description
VariSense
1:0
rd/w
00b
Used to lower the threshold of the squelch detector.
00: 100% (default)
01: 83%
10: 66.7%
11: 55%
Reserved
2
rd
0b
Read only, 0.
Reserved
3
rd
0b
Read only, 0.
PHYBoost
6:4
rd/w
000b
Used to change the output voltage of the High Speed
transmitter
000: Nominal
001: +3.7%
010: -7.4%
011: -3.7%
100: +14.7%
101: +18.3%
110: +7.4%
111: +11.0%
Reserved
7
rd
0b
Read only, 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com