Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 24 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB333X Datasheet HTML 20Page - Microchip Technology USB333X Datasheet HTML 21Page - Microchip Technology USB333X Datasheet HTML 22Page - Microchip Technology USB333X Datasheet HTML 23Page - Microchip Technology USB333X Datasheet HTML 24Page - Microchip Technology USB333X Datasheet HTML 25Page - Microchip Technology USB333X Datasheet HTML 26Page - Microchip Technology USB333X Datasheet HTML 27Page - Microchip Technology USB333X Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
USB333x
DS00001880A-page 24
 2009 - 2015 Microchip Technology Inc.
5.1
ULPI Digital Operation and Interface
This section of the USB333x is covered in detail in Section 6.0, "ULPI Operation".
5.2
USB 2.0 High Speed Transceiver
The blocks in the lower left-hand corner of Figure 5-1 interface to the DP/DM pins.
5.2.1
USB TRANSCEIVER
The USB333x transceiver includes a Universal Serial Bus Specification Rev 2.0 compliant receiver and transmitter. The
DP/DM signals in the USB cable connect directly to the receivers and transmitters.
The receiver consists of receivers for HS and FS/LS mode. Depending on the mode, the selected receiver provides the
serial data stream through the multiplexer to the RX Logic block. For HS mode support, the HS RX block contains a
squelch circuit to insure that noise is not interpreted as data. The RX block also includes a single-ended receiver on
each of the data lines to determine the correct FS linestate.
Data from the Link is encoded, bit stuffed, serialized and transmitted onto the USB cable by the transmitter. Separate
differential FS/LS and HS transmitters are included to support all modes.
The USB333x TX block meets the HS signalling level requirements in the USB 2.0 Specification when the PCB traces
from the DP and DM pins to the USB connector are correctly designed. In some systems the proper 90 ohm differential
impedance can not be maintained and it may be desirable to compensate for loss by adjusting the HS transmitter ampli-
tude and this HS squelch threshold. The PHYBoost bits in the HS Compensation Register may be configured to adjust
the HS transmitter amplitude at the DP and DM pins. The VariSense bits in the HS Compensation Register can also be
used to lower the squelch threshold to compensate for losses on the PCB.
To ensure proper operation of the USB transceiver the settings of Table 5-1 must be followed.
FIGURE 5-3:
USB333X SYSTEM DIAGRAM (USB3333)
BIAS
Integrated
Low Jitter
PLL
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
REFCLK
VBAT
VDD33
VBUS
LDO
DP
DM
ID
ULPI Digitial
TX
RX
HS/FS/LS
TX Encoding
HS/FS/LS
RX Decoding
RESETB
IdGnd
IdFloat
Rid Value
SessEnd
SessValid
VbusValid
OVP
LDO
VDD18
VDD33
VDD33
VDD33
VDD33
Charger
Detection
REF[0]
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com