Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 57 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB333X Datasheet HTML 53Page - Microchip Technology USB333X Datasheet HTML 54Page - Microchip Technology USB333X Datasheet HTML 55Page - Microchip Technology USB333X Datasheet HTML 56Page - Microchip Technology USB333X Datasheet HTML 57Page - Microchip Technology USB333X Datasheet HTML 58Page - Microchip Technology USB333X Datasheet HTML 59Page - Microchip Technology USB333X Datasheet HTML 60Page - Microchip Technology USB333X Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 57
USB333x
6.8
RID Converter Operation
The RID converter is designed to read the value of the ID resistance to ground and report back its value through the
ULPI interface.
When a resistor to ground is applied to the ID pin the state of the IdGnd comparator will change from a 1 to a 0 as
described in Section 5.6.1. If the USB333x is in ULPI mode, an RXCMD will be generated with bit 6 low. If the USB333x
is in Low Power Mode (or one of the other non-ULPI modes), the DATA[3] interrupt signal will go high.
After the USB333x has detected the change of state on the ID pin, the RID converter can be used to determine the value
of ID resistance. To start a ID resistance measurement, the RidConversionStart bit is set in the Vendor Rid Conversion
register.
The Link can use one of two methods to determine when the RID Conversion is complete. One method is polling the
RidConversionStart
bit as described in Section 7.1.3.4. The preferred method is to set the RidIntEn bit in the Vendor Rid
Conversion register. When RidIntEn is set, an RXCMD will be generated after the RID conversion is complete. As
described in Table 6-3, the alt_int bit of the RXCMD will be set.
After the RID Conversion is complete, the Link can read RidValue from the Vendor Rid Conversion register.
6.9
Headset Audio Mode
This mode is designed to allow a user to view the status of several signals while using an analog Audio headset with a
USB connector. This mode is provided as an alternate mode to the CarKit Mode defined in Section 6.7, "Carkit Mode".
In the CarKit mode the Link is unable to view the source of the interrupt on ID. For the Link to view the interrupt on ID
the PHY must be returned to synchronous mode so the interrupt can be read. This will force the audio switches to be
deactivated during the PHY start-up which may glitch the audio signals. In addition the Link can not change the resis-
tance on the ID pin without starting up the PHY to access the ULPI registers.
The Headset Audio Mode is entered by writing to the Headset Audio Mode register, and allows the Link access to the
state of the VBUS and ID pins during audio without having to break the audio connection. The Headset Audio mode
also allows for the Link to change the resistance on the ID pin to change the audio device attached from mono to stereo.
Exiting Headset Audio Mode is the same as exiting Low Power Mode as described in Section 6.5.2. The RESETB pin
can also be pulsed low to reset the USB333x and return to Synchronous Mode.
TABLE 6-13:
PIN DEFINITIONS IN HEADSET AUDIO MODE
Signal
Connected To
Direction
Description
SessVld
DATA[0]
OUT
Output of SessVld comparator
VbusVld
DATA[1]
OUT
Output of VbusVld Comparator (interrupt must be enabled)
IdGndDrv
DATA[2]
IN
Drives ID pin to ground when asserted
0b: Not connected
1b: Connects ID to ground.
DATA[3]
OUT
Driven low
IdGround
DATA[4]
OUT
Asserted when the ID pin is grounded.
0b: ID pin is grounded
1b: ID pin is floating
IdFloat
DATA[5]
OUT
Asserted when the ID pin is floating. IdPullup or Id_pullup330
must be enabled.
IdFloatRise
and IdFloatFall must be enabled.
IdPullup330
DATA[6]
IN
When enabled a 330kΩ pullup is applied to the ID pin. This
bit will also change the trip point of the IdGnd comparator to
the value shown in Table 4-9.
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor
IdPullup
DATA[7]
IN
Connects the 100kΩ pull-up resistor from the ID pin to
VDD3.3
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com