Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 82 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 82 Page - Microchip Technology

Back Button USB333X Datasheet HTML 77Page - Microchip Technology USB333X Datasheet HTML 78Page - Microchip Technology USB333X Datasheet HTML 79Page - Microchip Technology USB333X Datasheet HTML 80Page - Microchip Technology USB333X Datasheet HTML 81Page - Microchip Technology USB333X Datasheet HTML 82Page - Microchip Technology USB333X Datasheet HTML 83Page - Microchip Technology USB333X Datasheet HTML 84Page - Microchip Technology USB333X Datasheet HTML 85Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
USB333x
DS00001880A-page 82
 2009 - 2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
XXX
Package
Device
Device:
USB3330E, USB3331E, USB3333E, USB3336E, USB3338E (2)
Package:
GL
=
25-ball WLCSP
Tape and Reel
Option:
Blank = Standard packaging (tray)
TR
= Tape and Reel(1)
[X](1)
Tape and Reel
Option
-
-
Examples:
a)
USB330E-GL-TR
25-ball WLCSP Tape & Reel
(Selectable - see Table 5-2)
b)
USB331E-GL-TR
25-ball WLCSP Tape & Reel
(26MHz)
c)
USB333E-GL-TR
25-ball WLCSP Tape & Reel
(Selectable - see Table 5-3)
d)
USB336E-GL-TR
25-ball WLCSP Tape & Reel
(19.2MHz)
e)
USB338E-GL-TR
25-ball WLCSP Tape & Reel
(38.4MHz)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000.
2:
All versions support ULPI Clock Input Mode
(60MHz input at REFCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com