Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 11 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB333X Datasheet HTML 7Page - Microchip Technology USB333X Datasheet HTML 8Page - Microchip Technology USB333X Datasheet HTML 9Page - Microchip Technology USB333X Datasheet HTML 10Page - Microchip Technology USB333X Datasheet HTML 11Page - Microchip Technology USB333X Datasheet HTML 12Page - Microchip Technology USB333X Datasheet HTML 13Page - Microchip Technology USB333X Datasheet HTML 14Page - Microchip Technology USB333X Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 11
USB333x
TABLE 2-2:
USB3330 PIN DESCRIPTION
Ball
Name
Direction/
Type
Active
Level
Description
B1
ID
Input,
Analog
N/A
For device applications the ID pin is connected to
VDD33
. For Host applications ID is grounded. For
OTG applications the ID pin is connected to the USB
connector.
C2
VBUS
I/O,
Analog
N/A
This pin is used for the VBUS comparator inputs and
for VBUS pulsing during session request protocol. An
external resistor, RVBUS, is required between this pin
and the USB connector.
C1
VBAT
Power
N/A
Regulator input. The regulator supply can be from
5.5V to 3.0V.
D2
VDD33
Power
N/A
3.3V Regulator Output. A 1.0uF (<1 ohm ESR) bypass
capacitor to ground is required for regulator stability.
The bypass capacitor should be placed as close as
possible to the USB333x.
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
E2
REF[0]
I/O,
Digital 3.3V
N/A
Used to select REFCLK frequency. Connect to ground
or VDD33. Refer to Table 5-1 for frequency selection
options.
E3
REF[1]
I/O,
Digital 3.3V
N/A
Used to select REFCLK frequency. Connect to ground
or VDD33. Refer to Table 5-1 for frequency selection
options.
D3
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is the MSB.
E4
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
E5
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
D4
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
A5
CLKOUT
Output,
CMOS
N/A
ULPI Clock Out Mode:
60MHz ULPI clock output. All ULPI signals are driven
synchronous to the rising edge of this clock.
ULPI Clock In Mode:
Connect this pin to VDD18 to configure 60MHz ULPI
Clock IN mode as described in Section 5.4.1.
D5
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
C4
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
C5
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
B4
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is the LSB.
B5
NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data. When the
Link is sending data to the PHY, NXT indicates when
the current byte has been accepted by the PHY.
A4
DIR
Output,
CMOS
N/A
Controls the direction of the data bus. When the PHY
has data to transfer to the Link, it drives DIR high to
take ownership of the bus. When the PHY has no data
to transfer it drives DIR low and monitors the bus for
commands from the Link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com