Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 62 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 62 Page - Microchip Technology

Back Button USB333X Datasheet HTML 58Page - Microchip Technology USB333X Datasheet HTML 59Page - Microchip Technology USB333X Datasheet HTML 60Page - Microchip Technology USB333X Datasheet HTML 61Page - Microchip Technology USB333X Datasheet HTML 62Page - Microchip Technology USB333X Datasheet HTML 63Page - Microchip Technology USB333X Datasheet HTML 64Page - Microchip Technology USB333X Datasheet HTML 65Page - Microchip Technology USB333X Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
USB333x
DS00001880A-page 62
 2009 - 2015 Microchip Technology Inc.
7.1.1.9
USB Interrupt Enable Falling
Address = 10-12h (read), 10h (write), 11h (set), 12h (clear)
7.1.1.10
USB Interrupt Status
Address = 13h (read only)
This register dynamically updates to reflect current status of interrupt sources.
Note:
The default value is only valid after POR. When the register is read it will match the current
status of the comparators at the moment the register is read.
Field Name
Bit
Access
Default
Description
HostDisconnect Fall
0
rd/w/s/c
1b
Generate an interrupt event notification when
Hostdisconnect changes from high to low. Applicable
only in host mode.
VbusValid Fall
1
rd/w/s/c
1b
Generate an interrupt event notification when
Vbusvalid changes from high to low.
SessValid Fall
2
rd/w/s/c
1b
Generate an interrupt event notification when
SessValid changes from high to low.
SessEnd Fall
3
rd/w/s/c
1b
Generate an interrupt event notification when SessEnd
changes from high to low.
IdGnd Fall
4
rd/w/s/c
1b
Generate an interrupt event notification when IdGnd
changes from high to low.
Reserved
7:5
rd
0h
Read only, 0.
Field Name
Bit
Access
Default
Description
HostDisconnect
0
rd
(read only)
0b
Current value of the UTMI+ HS Hostdisconnect output.
Applicable only in host mode.
VbusValid
1
0b
Current value of the UTMI+ Vbusvalid output. If
VbusValid Rise
and VbusValid Fall are set this register
will read 0.
SessValid
2
0b
Current value of the UTMI+ SessValid output. This
register will always read the current status of the
Session Valid comparator regardless of the SessValid
Rise
and SessValid Fall settings.
SessEnd
3
0b
Current value of the UTMI+ SessEnd output. If
SessEnd Rise
and SessEnd Fall are set this register
will read 0.
IdGnd
4
0b
Current value of the UTMI+ IdGnd output.
Reserved
7:5
0h
Read only, 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com