Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 30 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB333X Datasheet HTML 26Page - Microchip Technology USB333X Datasheet HTML 27Page - Microchip Technology USB333X Datasheet HTML 28Page - Microchip Technology USB333X Datasheet HTML 29Page - Microchip Technology USB333X Datasheet HTML 30Page - Microchip Technology USB333X Datasheet HTML 31Page - Microchip Technology USB333X Datasheet HTML 32Page - Microchip Technology USB333X Datasheet HTML 33Page - Microchip Technology USB333X Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
USB333x
DS00001880A-page 30
 2009 - 2015 Microchip Technology Inc.
5.5.2
POWER ON RESET (POR)
The USB333x provides a POR circuit that generates an internal reset pulse after the VDD18 supply is stable. After the
internal POR goes high the USB333x will release from reset and begin normal ULPI operation as described in Section 5-
3.
The ULPI registers will power up in their default state summarized in Table 7-1 when the 1.8V supply comes up. Cycling
the RESETB pin can also be used to reset the ULPI registers to their default state (and reset all internal state machines)
by bringing the pin low for a minimum of 1 microsecond and then high. It is not necessary to wait for the VDD33 and
VDD18
pins to discharge to 0 volts to reset the part.
The RESETB pin must be pulled high to enable the 3.3V and 1.8V regulators. A pull-down resistor is not present on the
RESETB
pin and therefore the system should drive the RESETB pin to the desired state at all times. If the system does
not need to place the USB333x into reset mode the RESETB pin should be connected to VDD18 (USB3330, USB3331,
USB3336, and USB3338) or VDDIO (USB3333).
5.5.3
RECOMMENDED POWER SUPPLY SEQUENCE
For USB operation, the USB333x requires a valid voltage on the VBAT and VDDIO pins. The VDD33 and VDD18 reg-
ulators are automatically enabled when the RESETB pin is brought high. For the USB3333, Table 5-4 presents the
power supply configurations in more detail.
The RESETB pin can be held low until the VBAT supply is stable. If the Link is not ready to interface the USB333x, the
Link may choose to hold the RESETB pin low until it is ready to control the ULPI interface.
Note 5-3
VDDIO
must be present for ULPI pins to tri-state.
5.5.4
START-UP
The power on default state of the USB333x is ULPI Synchronous mode. The USB333x requires the following conditions
to begin operation: the power supplies must be stable, the REFCLK must be present and the RESETB pin must be high.
After these conditions are met, the USB333x will begin ULPI operation that is described in Section 6.0.
FIGURE 5-7:
POWERING THE USB333X FROM VBUS
TABLE 5-4:
OPERATING MODE VS. POWER SUPPLY CONFIGURATION
VBAT
VDDIO
RESETB
Operating Modes Available
0
0
0
Powered Off
1
X
0
RESET Mode. (Note 5-3)
1
1
1
Full USB operation as described in Section 6.0, "ULPI
Operation".
VBUS
VDD33
VBAT
GND
LDO
PHY
To OTG
COUT
OVP
VBUS
To USB Con.
RVBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com