Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 9 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB333X Datasheet HTML 5Page - Microchip Technology USB333X Datasheet HTML 6Page - Microchip Technology USB333X Datasheet HTML 7Page - Microchip Technology USB333X Datasheet HTML 8Page - Microchip Technology USB333X Datasheet HTML 9Page - Microchip Technology USB333X Datasheet HTML 10Page - Microchip Technology USB333X Datasheet HTML 11Page - Microchip Technology USB333X Datasheet HTML 12Page - Microchip Technology USB333X Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 9
USB333x
2.2
Ball Definitions
The following table details the ball definitions for the figure above.
FIGURE 2-3:
USB3333 BALL LOCATIONS - TOP VIEW
TABLE 2-1:
USB3331, USB3336, AND USB3338 PIN DESCRIPTION
Ball
Name
Direction/
Type
Active
Level
Description
B1
ID
Input,
Analog
N/A
For device applications the ID pin is connected to
VDD33
. For Host applications ID is grounded. For
OTG applications the ID pin is connected to the USB
connector.
C2
VBUS
I/O,
Analog
N/A
This pin is used for the VBUS comparator inputs and
for VBUS pulsing during session request protocol. An
external resistor, RVBUS, is required between this pin
and the USB connector.
C1
VBAT
Power
N/A
Regulator input. The regulator supply can be from
5.5V to 3.0V.
D2
VDD33
Power
N/A
3.3V Regulator Output. A 1.0uF (<1 ohm ESR) bypass
capacitor to ground is required for regulator stability.
The bypass capacitor should be placed as close as
possible to the USB333x.
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
E2
SPK_R
I/O,
Analog
N/A
USB switch in/out for DP signals.
E3
SPK_L
I/O,
Analog
N/A
USB switch in/out for DM signals.
A
E
D
C
B
15
4
3
2
TOP VIEW
VDD18
ID
RESETB
VBAT
VBUS
DM
DP
REF[0]
DATA[7]
VDD33
DATA[4]
DATA[6]
DATA[5]
CLKOUT
DATA[3]
DATA[2]
DATA[1]
DATA[0]
NXT
DIR
STP
VDDIO
REFCLK
RBIAS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com