Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 43 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB333X Datasheet HTML 39Page - Microchip Technology USB333X Datasheet HTML 40Page - Microchip Technology USB333X Datasheet HTML 41Page - Microchip Technology USB333X Datasheet HTML 42Page - Microchip Technology USB333X Datasheet HTML 43Page - Microchip Technology USB333X Datasheet HTML 44Page - Microchip Technology USB333X Datasheet HTML 45Page - Microchip Technology USB333X Datasheet HTML 46Page - Microchip Technology USB333X Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 43
USB333x
6.2.2
ULPI REGISTER WRITE
A ULPI register write operation is given in Figure 6-3. The TX command with a register write DATA[7:6] = 10b is driven
by the Link at T0. The register address is encoded into DATA[5:0] of the TX CMD byte.
To write a register, the Link will wait until DIR is low, and at T0, drive the TX CMD on the data bus. At T2 the PHY will
drive NXT high. On the next rising clock edge, T3, the Link will write the register data. At T4, the PHY will accept the
register data and drive NXT low. The Link will drive an Idle on the bus and drive STP high to signal the end of the data
packet. Finally, at T5, the PHY will latch the data into the register and the Link will pull STP low.
NXT
is used to throttle when the Link drives the register data on the bus. DIR is low throughout this transaction since
the PHY is receiving data from the Link. STP is used to end the transaction and data is registered after the de-assertion
of STP. After the write operation completes, the Link must drive a ULPI Idle (00h) on the data bus. If the databus is not
driven to idle the USB333x may decode the non-zero bus value as an RX Command.
A ULPI extended register write operation is shown in Figure 6-4. To write an extended register, the Link will wait until
DIR
is low, and at T0, drive the TX CMD on the data bus. At T2 the PHY will drive NXT high. On the next clock T3 the
Link will drive the extended address. On the next rising clock edge, T4, the Link will write the register data. At T5, the
PHY will accept the register data and drive NXT low. The Link will drive an Idle on the bus and drive STP high to signal
the end of the data packet. At T5, the PHY will latch the data into the register. Finally, at T6, the Link will drive STP low.
FIGURE 6-3:
ULPI REGISTER WRITE IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
ULPI Register
Reg Data [n-1]
Reg Data [n]
T0
T1
T2
T3
T5
T4
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com