Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 28 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB333X Datasheet HTML 24Page - Microchip Technology USB333X Datasheet HTML 25Page - Microchip Technology USB333X Datasheet HTML 26Page - Microchip Technology USB333X Datasheet HTML 27Page - Microchip Technology USB333X Datasheet HTML 28Page - Microchip Technology USB333X Datasheet HTML 29Page - Microchip Technology USB333X Datasheet HTML 30Page - Microchip Technology USB333X Datasheet HTML 31Page - Microchip Technology USB333X Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
USB333x
DS00001880A-page 28
 2009 - 2015 Microchip Technology Inc.
5.4.1.2
ULPI Clock Input Mode (60MHz REFCLK Mode)
When using ULPI Clock Input Mode, the Link must supply the 60MHz ULPI clock to the USB333x. In this mode the
60MHz ULPI Clock is connected to the REFCLK pin, and the CLKOUT pin is tied high to VDD18 (USB3330, USB3331,
USB3336, and USB3338) or VDDIO (USB3333). An example of ULPI Clock In Mode is shown in Figure 8-2.
After the PLL has locked to the correct frequency, the USB333x will de-assert DIR and the Link can begin using the
ULPI interface. The USB333x is set to start the clock within the time specified in Table 4-3. For Host applications, the
ULPI AutoResume bit should be enabled. This is described in Section 6.4.1.4.
For the USB3330 and USB3333, the REF pin(s) should be tied to ground.
5.4.2
REFCLK AMPLITUDE
The reference clock should be connected to the REFCLK pin as shown in the application diagrams, Figure 8-1 and
Figure 8-2. The REFCLK pin is designed to be driven with a square wave from 0V to VDD18, but can be driven with a
square wave from 0V to as high as 3.6V. The USB333x uses only the positive edge of the REFCLK.
If a digital reference is not available, the REFCLK pin can be driven by an analog sine wave that is AC coupled into the
REFCLK
pin. If using an analog clock the DC bias should be set at the mid-point of the VDDIO supply or the VDD18
regulator output. Use a bias circuit as shown in Figure 5-6. The amplitude must be greater than 300mV peak to peak.
The component values provided in Figure 5-6 are for example only. The actual values should be selected to satisfy sys-
tem requirements.
The REFCLK amplitude must comply with the signal amplitudes shown in Table 4-5 and the duty cycle in Table 4-3.
FIGURE 5-5:
CONFIGURING THE USB333X FOR ULPI CLOCK INPUT MODE
FIGURE 5-6:
EXAMPLE OF CIRCUIT USED TO SHIFT A REFERENCE CLOCK COMMON-
MODE VOLTAGE LEVEL.
CLKOUT
REFCLK
PHY
Clock
Source
To PLL
Link
ULPI Clk Out
Reference Clk In
VDD18/
VDDIO
Clock
0.1uF
VDDIO Supply or VDD18
To REFCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com