Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 32 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB333X Datasheet HTML 28Page - Microchip Technology USB333X Datasheet HTML 29Page - Microchip Technology USB333X Datasheet HTML 30Page - Microchip Technology USB333X Datasheet HTML 31Page - Microchip Technology USB333X Datasheet HTML 32Page - Microchip Technology USB333X Datasheet HTML 33Page - Microchip Technology USB333X Datasheet HTML 34Page - Microchip Technology USB333X Datasheet HTML 35Page - Microchip Technology USB333X Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
USB333x
DS00001880A-page 32
 2009 - 2015 Microchip Technology Inc.
5.6.1.1
USB OTG Operation
The USB333x can detect ID grounded and ID floating to determine if an A or B cable has been inserted. The A plug will
ground the ID pin while the B plug will float the ID pin. These are the only two valid states allowed in the OTG Protocol.
To monitor the status of the ID pin, the Link activates the IdPullup bit in the OTG Control register, waits 50mS and then
reads the status of the IdGnd bit in the USB Interrupt Status register. If an A cable has been inserted the IdGnd bit will
read 0. If a B cable is inserted, the ID pin is floating and the IdGnd bit will read 1.
The USB333x provides an integrated weak pull-up resistor on the ID pin, RIDW. This resistor is present to keep the ID
pin in a known state when the IdPullup bit is disabled and the ID pin is floated. In addition to keeping the ID pin in a
known state, it enables the USB333x to generate an interrupt to inform the link when a cable with a resistor to ground
has been attached to the ID pin. The weak pull-up is small enough that the largest valid RID resistor pulls the ID pin low
and causes the IdGnd comparator to go low.
After the link has detected an ID pin state change, the RID converter can be used to determine the resistor value as
described in Section 5.6.1.2.
5.6.1.2
Measuring ID Resistance to Ground
The Link can use the integrated resistance measurement capabilities of the USB333x to determine the value of an ID
resistance to ground. Table 5-5 details the values of resistance to ground that the USB333x can detect.
FIGURE 5-9:
USB333X ID RESISTOR DETECTION CIRCUITRY
TABLE 5-5:
VALID VALUES OF ID RESISTANCE TO GROUND
ID Resistance to Ground
RID Value
Ground
000
75Ω +/-1%
001
102kΩ +/-1%
010
200kΩ+/-1%
011
Floating
101
Note:
IdPullUp = 0
IdPullup
IdGnd
Vref IdGnd
IdFloat
ID
OTG Module
VDD33
To USB Con.
RidValue
Vref IdFloat
IdGnd Rise
or
IdGnd Fall
IdFloatRise
or
IdFloatFall
Rid ADC
IdGndDrv
en
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com