Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 7 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB333X Datasheet HTML 3Page - Microchip Technology USB333X Datasheet HTML 4Page - Microchip Technology USB333X Datasheet HTML 5Page - Microchip Technology USB333X Datasheet HTML 6Page - Microchip Technology USB333X Datasheet HTML 7Page - Microchip Technology USB333X Datasheet HTML 8Page - Microchip Technology USB333X Datasheet HTML 9Page - Microchip Technology USB333X Datasheet HTML 10Page - Microchip Technology USB333X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 7
USB333x
The USB333x includes an integrated 3.3V LDO regulator that is used to generate 3.3V from power applied to the VBAT
pin. The voltage on the VBAT pin can range from 3.0 to 5.5V. The regulator dropout voltage is less than 100mV which
allows the PHY to continue USB signaling when the voltage on VBAT drops to 3.0V. The USB transceiver will continue
to operate at lower voltages, although some parameters may be outside the limits of the USB-IF specification for Full
Speed USB operation. The VBAT and VDD33 pins should never be connected together.
In USB UART mode, the USB333x DP and DM pins are redefined to enable pass-through of asynchronous serial data.
The USB333x will enter UART mode when programmed, as described in Section 6.7.1.
1.3
Reference Documents
UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1
Universal Serial Bus Specification, Revision 2.0
On-The-Go Supplement to the USB2.0 Specification, Revision 1.3
On-The-Go Supplement to the USB2.0 Specification, Revision 2.0
USB Battery Charging Specification, Revision 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com