Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 12 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB333X Datasheet HTML 8Page - Microchip Technology USB333X Datasheet HTML 9Page - Microchip Technology USB333X Datasheet HTML 10Page - Microchip Technology USB333X Datasheet HTML 11Page - Microchip Technology USB333X Datasheet HTML 12Page - Microchip Technology USB333X Datasheet HTML 13Page - Microchip Technology USB333X Datasheet HTML 14Page - Microchip Technology USB333X Datasheet HTML 15Page - Microchip Technology USB333X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
USB333x
DS00001880A-page 12
 2009 - 2015 Microchip Technology Inc.
A3
STP
Input,
CMOS
High
The Link asserts STP for one clock cycle to stop the
data stream currently on the bus. If the Link is sending
data to the PHY, STP indicates the last byte of data
was on the bus in the previous cycle.
B3
VDD18
Power
N/A
1.8V Regulator Output. A 1.0uF (<1 ohm ESR) bypass
capacitor to ground is required for regulator stability.
The bypass capacitor should be placed as close as
possible to the USB333x.
B2
RESETB
Input,
CMOS,
Low
When low, the part is suspended and the 3.3V and
1.8V regulators are disabled. When high, the
USB333x will operate as a normal ULPI device, as
described in Section 5.5.1. The state of this pin may
be changed asynchronously to the clock signals.
When asserted for a minimum of 1 microsecond and
then de-asserted, the ULPI registers are reset to their
default state and all internal state machines are reset.
A2
REFCLK
Input,
CMOS
N/A
ULPI Clock Out Mode:
Frequency set by REF[1:0] pins.
ULPI Clock In Mode:
60MHz ULPI clock input.
A1
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an 8.06kΩ (±1%)
resistor to ground, placed as close as possible to the
USB333x. Nominal voltage during ULPI operation is
0.8V.
C3
GND
Ground
N/A
Ground.
TABLE 2-3:
USB3333 PIN DESCRIPTION
Ball
Name
Direction/
Type
Active
Level
Description
B1
ID
Input,
Analog
N/A
For device applications the ID pin is connected to
VDD33
. For Host applications ID is grounded. For
OTG applications the ID pin is connected to the USB
connector.
D2
VBUS
I/O,
Analog
N/A
This pin is used for the VBUS comparator inputs and
for VBUS pulsing during session request protocol. An
external resistor, RVBUS, is required between this pin
and the USB connector.
C1
VBAT
Power
N/A
Regulator input. The regulator supply can be from
5.5V to 3.0V.
D3
VDD33
Power
N/A
3.3V Regulator Output. A 1.0uF (<1 ohm ESR) bypass
capacitor to ground is required for regulator stability.
The bypass capacitor should be placed as close as
possible to the USB333x.
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
E2
REF[0]
I/O,
Digital 3.3V
N/A
Used to select REFCLK frequency. Connect to ground
or VDD33. Refer to Table 5-2 for frequency selection
options.
B3
VDDIO
Power
N/A
ULPI interface supply voltage. When RESETB is low
and VDDIO is powered on, ULPI pins will tri-state.
E3
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is the MSB.
E4
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
TABLE 2-2:
USB3330 PIN DESCRIPTION (CONTINUED)
Ball
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com