Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 17 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB333X Datasheet HTML 13Page - Microchip Technology USB333X Datasheet HTML 14Page - Microchip Technology USB333X Datasheet HTML 15Page - Microchip Technology USB333X Datasheet HTML 16Page - Microchip Technology USB333X Datasheet HTML 17Page - Microchip Technology USB333X Datasheet HTML 18Page - Microchip Technology USB333X Datasheet HTML 19Page - Microchip Technology USB333X Datasheet HTML 20Page - Microchip Technology USB333X Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 17
USB333x
Note 4-5
MAX VIL for USB3333 not to exceed 0.8V.
4.5
DC Characteristics: Analog I/O Pins
High-Level Input Voltage
REFCLK
and RESETB
(USB3330, USB3331,
USB3336, and USB3338)
VIH_REF
0.68 *
VDD18
VDD33
V
High-Level Input Voltage
REFCLK
and RESETB
(USB3333)
VIH_REF
0.68 *
VDDIO
VDD33
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
(USB3330, USB3331,
USB3336, and USB3338)
VOH
IOH = -8mA
VDD18 -
0.4
V
High-Level Output Voltage
(USB3333)
VOH
IOH = -8mA
VDDIO -
0.4
V
Output rise time
TIORISE
CLOAD = 10pF
1.19
nS
Output fall time
TIOFALL
CLOAD = 10pF
1.56
nS
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
2
pF
STP
pull-up resistance
RSTP
InterfaceProtectDisable
= 0
55
67
77
kΩ
DATA[7:0]
pull-down
resistance
RDATA_PD
ULPI Synchronous Mode
55
67
80
kΩ
CLKOUT
External
Drive
(USB3330,
USB3331,
USB3336, and USB3338)
VIH_ED
At start-up or following
reset
0.4 *
VDD18
V
CLKOUT
External
Drive
(USB3333)
VIH_ED
At start-up or following
reset
0.4 *
VDDIO
V
TABLE 4-6:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
LS/FS FUNCTIONALITY
Input levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
Note 4-7
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
Note 4-7
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
Output Levels
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5kΩ to VDD33
0.3
V
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM; Note 4-7
RL = 15kΩ to GND
2.8
3.6
V
TABLE 4-5:
DIGITAL IO CHARACTERISTICS: RESETB, STP, DIR, NXT, DATA[7:0], AND REFCLK
PINS (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com