Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 67 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 67 Page - Microchip Technology

Back Button USB333X Datasheet HTML 63Page - Microchip Technology USB333X Datasheet HTML 64Page - Microchip Technology USB333X Datasheet HTML 65Page - Microchip Technology USB333X Datasheet HTML 66Page - Microchip Technology USB333X Datasheet HTML 67Page - Microchip Technology USB333X Datasheet HTML 68Page - Microchip Technology USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology USB333X Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 67
USB333x
7.1.3.2
USB-IF Charger Detection
Address = 32h (read / write)
7.1.3.3
Headset Audio Mode
Address = 33h (read / write)
Field Name
Bit
Access
Default
Description
VDatSrcEn
0rd/w
0
VDAT_SRC voltage enable
0b: Disabled
1b: Enabled
IDatSinkEn
1rd/w
0
IDAT_SINK current sink and VDAT_DET comparator
enable
0b: Disabled, VDAT_DET = 0.
1b: Enabled
ContactDetectEn
2rd/w
0
IDP_SRC Enable
0b: Disabled
1b: Enabled
HostChrgEn
3
rd/w
0
Enable Charging Host Port Mode.
0b: Portable Device
1b: Charging Host Port. When the charging host port
bit is set the connections of VDAT_SRC, IDAT_SINK,
IDP_SRC, and VDAT_DET are reversed between DP and
DM
.
VdatDet
4rd
0
VDAT_DET Comparator output. IdatSinkEn must be set
to 1 to enable the comparator.
0b: No voltage is detected on DP or Linestate[1:0] is
not equal to 00b.
1b: Voltage detected on DP, and Linestate[1:0] = 00b.
Note:
VdatDet
can also be read from the Carkit
Interrupt Status register described in
Section 7.1.2.3.
Reserved
5-7
rd
Read only, 0.
Note:
The charger detection should be turned off before beginning USB operation. USB-IF Charger Detection
Bits 2:0 should be set to 000b.
Field Name
Bit
Access
Default
Description
HeadsetAudioEn
3:0
rd/w
0000b
When this field is set to a value of ‘1010’, the Headset
Audio Mode is enabled as described in Section 6.9.
Reserved
7:4
rd
0h
Read only, 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com