Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 56 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB333X Datasheet HTML 52Page - Microchip Technology USB333X Datasheet HTML 53Page - Microchip Technology USB333X Datasheet HTML 54Page - Microchip Technology USB333X Datasheet HTML 55Page - Microchip Technology USB333X Datasheet HTML 56Page - Microchip Technology USB333X Datasheet HTML 57Page - Microchip Technology USB333X Datasheet HTML 58Page - Microchip Technology USB333X Datasheet HTML 59Page - Microchip Technology USB333X Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
USB333x
DS00001880A-page 56
 2009 - 2015 Microchip Technology Inc.
Exiting Carkit Mode is the same as exiting Low Power Mode as described in Section 6.5.2. The Link must assert STP
to signal the PHY to exit serial mode. When the PHY can accept a command, DIR is de-asserted and the PHY will wait
until the Link de-asserts STP to resume synchronous ULPI operation. The RESETB pin can also be pulsed low to reset
the USB333x and return it to Synchronous Mode.
6.7.1
ENTERING USB UART MODE
The USB333x can be placed into UART Mode by first setting the TxdEn and RxdEn bits in the Carkit Control register.
Then the Link can set the CarkitMode bit in the Interface Control register. The TxdEn and RxdEn bits must be written
before the CarkitMode bit.
After the CarkitMode bit is set, the ULPI interface will become redefined as described in Table 6-10, and the USB333x
will transmit data through the DATA[0] to DM of the USB connector and receive data on DP and pass the information
the Link on DATA[1].
When entering UART mode, the regulator output will automatically switch to the value configured by the UART RegOut-
put bits in the
USB IO & Power Management register and the RCD pull-up resistors will be applied internally to DP and
DM
. This will hold the UART in its default operating state.
While in UART mode, the transmit edge rates can be set to either the Full Speed USB or Low Speed USB edge rates
by using the XcvrSelect[1:0] bits in the Function Control register.
6.7.2
USB AUDIO MODE (USB3331, USB3336, AND USB3338)
When the USB333x is powered in Synchronous Mode, the Audio switches can be enabled by asserting the SpkLeftEn,
or SpkRightEn bits in the Carkit Control register. After the register write is complete, the USB333x will immediately
enable or disable the audio switch. Then the Link can set the CarkitMode bit in the Interface Control register. The
SpkLeftEn
, or SpkRightEn bits must be written before the CarkitMode bit.
After the CarkitMode bit is set, the ULPI interface will become redefined as described in Table 6-10.
TABLE 6-10:
PIN DEFINITIONS IN CARKIT MODE
Signal
Connected To
Direction
Description
txd
DATA[0]
IN
UART TXD signal that is routed to the DM pin if the TxdEn
is set in the Carkit Control register.
rxd
DATA[1]
OUT
UART RXD signal that is routed to the DP pin if the RxdEn
bit is set in the Carkit Control register.
reserved
DATA[2]
OUT
Driven Low (CarkitDataMC = 0, default)
IN
Tri-state (CarkitDataMC = 1)
int
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
reserved
DATA[4:7]
OUT
Driven Low.
TABLE 6-11:
ULPI REGISTER PROGRAMMING EXAMPLE TO ENTER UART MODE
R/W
Address
(HEX)
Value
(HEX)
Description
Result
W
04
49
Configure Non-Driving mode
Select FS transmit edge rates
OpMode
=01
XcvrSelect
=01
W
39
00
Set regulator to 3.3V
UART RegOutput
=00
W
19
0C
Enable UART connections
RxdEn
=1
TxdEn
=1
W
07
04
Enable carkit mode
CarkitMode
=1
TABLE 6-12:
ULPI REGISTER PROGRAMMING EXAMPLE TO ENTER AUDIO MODE
R/W
Address
(HEX)
Value
(HEX)
Description
Result
W
04
48
Configure Non-Driving mode
OpMode
=01
W
19
30
Enable Audio connections
SpkrRightEn
=1, SpkrLeftEn=1
W
07
04
Enable carkit mode
CarkitMode
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com