Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 46 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB333X Datasheet HTML 42Page - Microchip Technology USB333X Datasheet HTML 43Page - Microchip Technology USB333X Datasheet HTML 44Page - Microchip Technology USB333X Datasheet HTML 45Page - Microchip Technology USB333X Datasheet HTML 46Page - Microchip Technology USB333X Datasheet HTML 47Page - Microchip Technology USB333X Datasheet HTML 48Page - Microchip Technology USB333X Datasheet HTML 49Page - Microchip Technology USB333X Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
USB333x
DS00001880A-page 46
 2009 - 2015 Microchip Technology Inc.
Transfer of the RXCMD byte occurs in Synchronous Mode when the PHY has control of the bus. The ULPI Protocol
Block shown in Figure 6-1 determines when to send an RXCMD. A RXCMD will occur:
• When a linestate change occurs.
• When VBUS or ID comparators change state.
• During a USB receive when NXT is low.
• After the USB333x deasserts DIR and STP is low during start-up.
• After the USB333x exits Low Power Mode, Serial Modes, or Carkit Mode after detecting that the Link has de-
asserted STP, and DIR is low.
When a USB Receive is occurring, RXCMD’s are sent whenever NXT = 0 and DIR = 1. During a USB Transmit, the
RXCMD’s are returned to the Link after STP is asserted.
If an RXCMD event occurs during a High Speed USB transmit, the RXCMD is blocked until STP de-asserts at the end
of the transmit. The RXCMD contains the status that is current at the time the RXCMD is sent.
FIGURE 6-7:
ULPI RXCMD TIMING
TABLE 6-3:
ULPI RX CMD ENCODING
Data[7:0]
Name
Description and Value
[1:0]
Linestate
UTMI Linestate Signals. See Section 6.3.1.1
[3:2]
Encoded
VBUS State
ENCODED VBUS VOLTAGE STATES
VALUE
VBUS VOLTAGE
SESSEND
SESSVLD
VBUSVLD2
00
VVBUS < VSESS_END
10
0
01
VSESS_END < VVBUS <
VSESS_VLD
00
0
10
VSESS_VLD < VVBUS <
VVBUS_VLD
X1
0
11
VVBUS_VLD < VVBUS
XX
1
DIR
CLK
DATA[7:0]
STP
NXT
RXCMD
Idle
Idle
T0
T1
T2
T3
T5
T4
T6
Turn around
Turn around
RXCMD
Idle
Turn around
Turn around
RXCMD
T7
T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com