Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 70 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 70 Page - Microchip Technology

Back Button USB333X Datasheet HTML 66Page - Microchip Technology USB333X Datasheet HTML 67Page - Microchip Technology USB333X Datasheet HTML 68Page - Microchip Technology USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology USB333X Datasheet HTML 71Page - Microchip Technology USB333X Datasheet HTML 72Page - Microchip Technology USB333X Datasheet HTML 73Page - Microchip Technology USB333X Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
USB333x
DS00001880A-page 70
 2009 - 2015 Microchip Technology Inc.
8.0
APPLICATION NOTES
8.1
Application Diagram
The USB333x requires few external components as shown in the application diagrams. The USB 2.0 Specification
restricts the voltage at the VBUS pin to a maximum value of 5.25V. In some applications, the voltage will exceed this
limit, so the USB333x provides an integrated over voltage protection circuit. The over voltage protection circuit works
with an external resistor (RVBUS) to lower the voltage at the VBUS pin.
TABLE 8-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
Reference
Designator
Value
Description
Notes
COUT
See Table 4-12
Bypass capacitor to ground (<1
Ω ESR) for
regulator stability.
Place as close as possible to the
PHY.
CVBUS
See Table 8-2
Capacitor to ground required by the USB
Specification. Microchip recommends <1
Ω
ESR.
Place near the USB connector.
CBYP
System
dependent.
Bypass capacitor to ground. Typical
values used are 0.1 or 0.01
μF.
Place as close as possible to the
PHY.
RVBUS
1k
Ω or 20kΩ
Series resistor to work with internal over
voltage protection.
See Section 5.6.2.6 for information
regarding power dissipation.
RBIAS
8.06k
Ω (±1%)
Series resistor to establish reference
voltage.
See Section 5.3 for information
regarding power dissipation.
TABLE 8-2:
CAPACITANCE VALUES AT VBUS OF USB CONNECTOR
Mode
MIN Value
MAX Value
Host
120
μF
Device
1
μF10μF
OTG
1
μF6.5μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com