Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 54 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB333X Datasheet HTML 50Page - Microchip Technology USB333X Datasheet HTML 51Page - Microchip Technology USB333X Datasheet HTML 52Page - Microchip Technology USB333X Datasheet HTML 53Page - Microchip Technology USB333X Datasheet HTML 54Page - Microchip Technology USB333X Datasheet HTML 55Page - Microchip Technology USB333X Datasheet HTML 56Page - Microchip Technology USB333X Datasheet HTML 57Page - Microchip Technology USB333X Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
USB333x
DS00001880A-page 54
 2009 - 2015 Microchip Technology Inc.
When the USB333x sends a RXCMD the Link is required to drive the data bus back to idle at the end of the turn around
cycle. If the Link does not drive the databus to idle the USB333x may take the information on the data bus as a TXCMD
and transmit data on DP and DM until the Link asserts stop. If the ID pin is floated the last RXCMD from the USB333x
will remain on the bus after DIR is de-asserted and the USB333x will take this in as a TXCMD.
A Link should be designed to have the default POR state of the STP output high and the data bus tri-stated. The
USB333x has weak pull-downs on the data bus to prevent these inputs from floating when not driven. These resistors
are only used to prevent the ULPI interface from floating during events when the link ULPI pins may be tri-stated. The
strength of the pull down resistors can be found in Table 4-5. The pull downs are not strong enough to pull the data bus
low after a ULPI RXCMD, the Link must drive the data bus to idle after DIR is de-asserted.
In some cases, a Link may be software configured and not have control of its STP pin until after the PHY has started.
In this case, the USB333x has in internal pull-up on the STP input pad which will pull STP high while the Link’s STP
output is tri-stated. The STP pull-up resistor is enabled on POR and can be disabled by setting the InterfaceProtectDis-
able
bit 7 of the Interface Control register.
The STP pull-up resistor will pull-up the Link’s STP input high until the Link configures and drives STP high. After the
Link completes its start-up, STP can be synchronously driven low.
A Link design which drives STP high during POR can disable the pull-up resistor on STP by setting InterfaceProtect-
Disable
bit to 1. A motivation for this is to reduce the suspend current. In Low Power Mode, STP is held low, which would
draw current through the pull-up resistor on STP.
6.5.4.2
Warm Reset
Designers should also consider the case of a warm restart of a Link with a PHY in Low Power Mode. After the PHY
enters Low Power Mode, DIR is asserted and the clock is stopped. The USB333x looks for STP to be asserted to re-
start the clock and then resume normal synchronous operation.
Should the USB333x be suspended in Low Power Mode, and the Link receives a hardware reset, the PHY must be able
to recover from Low Power Mode and start its clock. If the Link asserts STP on reset, the PHY will exit Low Power Mode
and start its clock.
If the Link does not assert STP on reset, the interface protection pull-up can be used. When the Link is reset, its STP
output will tri-state and the pull-up resistor will pull STP high, signaling the PHY to restart its clock.
6.5.5
MINIMIZING CURRENT IN LOW POWER MODE
In order to minimize the suspend current in Low Power Mode, the VBUS and ID comparators can be disabled to reduce
suspend current. In Low Power Mode, the VbusVld and SessEnd comparators are not needed and can be disabled by
clearing the associated bits in both the USB Interrupt Enable Rising and USB Interrupt Enable Falling registers. By dis-
abling the interrupt in BOTH the rise and fall registers, the SessEnd and VbusVld comparators are turned off. The
IdFloatRise
and IdFloatFall bits in Carkit Interrupt Enable register should also be disabled if they were set. When exiting
Low Power Mode, the Link should immediately re-enable the VbusVld and SessEnd comparators if host or OTG func-
tionality is required.
In addition to disabling the OTG comparators in Low Power Mode, the Link may choose to disable the Interface Protect
Circuit. By setting the InterfaceProtectDisable bit high in the Interface Control register, the Link can disable the pull-up
resistor on STP. When RESETB is low the Interface Protect Circuit will be disabled.
6.6
Full Speed/Low Speed Serial Modes
The USB333x includes two serial modes to support legacy Links which use either the 3pin or 6pin serial format. To enter
either serial mode, the Link will need to write a 1 to the 6-pin FsLsSerialMode or the 3-pin FsLsSerialMode bits in the
Interface control register. Serial Mode may be used to conserve power when attached to a device that is not capable of
operating in High Speed.
The serial modes are entered in the same manner as the entry into Low Power Mode. The Link writes the Interface
Control register bit for the specific serial mode. The USB333x will assert DIR and shut off the clock after at least five
clock cycles. Then the data bus goes to the format of the serial mode selected. Before entering Serial Mode the Link
must set the ULPI transceiver to the appropriate mode as defined in Table 5-1.
In ULPI Clock Out Mode, the PHY will shut off the 60MHz clock to conserve power. Should the Link need the 60MHz
clock to continue during the serial mode of operation, the ClockSuspendM bit[3] of the Interface Control Register should
be set before entering a serial mode. If set, the 60 MHz clock will be present during serial modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com