Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 34 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB333X Datasheet HTML 30Page - Microchip Technology USB333X Datasheet HTML 31Page - Microchip Technology USB333X Datasheet HTML 32Page - Microchip Technology USB333X Datasheet HTML 33Page - Microchip Technology USB333X Datasheet HTML 34Page - Microchip Technology USB333X Datasheet HTML 35Page - Microchip Technology USB333X Datasheet HTML 36Page - Microchip Technology USB333X Datasheet HTML 37Page - Microchip Technology USB333X Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
USB333x
DS00001880A-page 34
 2009 - 2015 Microchip Technology Inc.
5.6.2.1
SessEnd Comparator
The SessEnd comparator is used during the Session Request Protocol (SRP). The comparator is used by the B-device
to detect when a USB session has ended and it is safe to start Vbus Pulsing to request a USB session from the A-device.
When VBUS goes below the threshold in Table 4-8, the USB session is considered to be ended, and SessEnd will tran-
sition from 0 to 1. The SessEnd comparator can be disabled by clearing this bit in both the USB Interrupt Enable Rising
and USB Interrupt Enable Falling registers. When disabled, the SessEnd bit in the USB Interrupt Status register will read
0.
The SessEnd Comparator is only used when configured as an OTG device. If the USB333x is used as a Host or Device
only the SessEnd Comparator should be disabled, using the method described above.
5.6.2.2
SessVld Comparator
The SessVld comparator is used when the PHY is configured as both an A and B device. When configured as an A
device, the SessVld is used to detect Session Request protocol (SRP). When configured as a B device, SessVld is used
to detect the presence of VBUS. The SessVld comparator output can also be read from the USB Interrupt Status regis-
ter. The SessVld comparator will also generate an RX CMD, as detailed in Section 6.3.1, anytime the comparator
changes state. The SessVld interrupts can be disabled by clearing this bit in both the USB Interrupt Enable Rising and
USB Interrupt Enable Falling registers. When the interrupts are disabled, the SessVld comparator is still operational and
will generate RX CMD’s. The SessVld comparator trip point is detailed in Table 4-9.
FIGURE 5-10:
USB333X OTG VBUS BLOCK
Note:
The OTG Supplement specifies a voltage range for A-Device Session Valid and B-Device Session Valid
comparator. The USB333x PHY combines the two comparators into one and uses the narrower threshold
range.
VbusValid
SessValid
SessEnd
DischrgVbus
0.5V
1.4V
4.575V
VBUS
VDD33
PHY
To USB Con.
SessEnd Rise or
SessEnd Fall
VbusValid Rise or
VbusValid Fall
RXCMD VbusValid
IndicatorComplement
[UseExternalVbusindicator, IndicatorPassThru]
[0, X]
[1, 0]
[1, 1]
EXTVBUS (logic 1)
ChrgVbus
VBUS
Overvoltage
Protection
RVBUS
en
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com