Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 64 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 64 Page - Microchip Technology

Back Button USB333X Datasheet HTML 60Page - Microchip Technology USB333X Datasheet HTML 61Page - Microchip Technology USB333X Datasheet HTML 62Page - Microchip Technology USB333X Datasheet HTML 63Page - Microchip Technology USB333X Datasheet HTML 64Page - Microchip Technology USB333X Datasheet HTML 65Page - Microchip Technology USB333X Datasheet HTML 66Page - Microchip Technology USB333X Datasheet HTML 67Page - Microchip Technology USB333X Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
USB333x
DS00001880A-page 64
 2009 - 2015 Microchip Technology Inc.
7.1.2
CARKIT CONTROL REGISTERS
The following registers are used to set-up and enable the USB UART and USB Audio functions.
7.1.2.1
Carkit Control
Address = 19-1Bh (read), 19h (write), 1Ah (set), 1Bh (clear)
This register is used to program the USB333x into and out of the Carkit Mode. When entering the UART mode the Link
must first set the desired TxdEn and the RxdEn bits and then transition to Carkit Mode by setting the CarkitMode bit in
the Interface Control Register. When RxdEn is not set then the DATA[1] pin is held to a logic high.
If using USB UART mode, the UART data will appear at the SPK_L and SPK_R pins if the corresponding SpkLeftEn,
SpkRightEn
, or MicEn switches are enabled.
If using USB Audio ((USB3331, USB3336, and USB3338 only), the TxdEn and RxdEn bits should not be set when the
SpkLeftEn
, SpkRightEn, or MicEn switches are enabled. The USB single-ended receivers described in Section 5.2.1
are disabled when either SpkLeftEn, SpkRightEn, or MicEn are set.
7.1.2.2
Carkit Interrupt Enable
Address = 1D-1Fh (read), 1Dh (write), 1Eh (set), 1Fh (clear)
Field Name
Bit
Access
Default
Description
CarkitPwr
0
rd
0b
Read only, 0.
IdGndDrv
1
rd/w/s/c
0b
Drives ID pin to ground
TxdEn
2
rd/w/s/c
0b
Connects UART TXD (DATA[0]) to DM
RxdEn
3
rd/w/s/c
0b
Connects UART RXD (DATA[1]) to DP
SpkLeftEn
4
rd/w/s/c
0b
Connects DM pin to SPK_L pin
SpkRightEn
5
rd/w/s/c
0b
Connects DP pin to SPK_R pin. See Note below.
MicEn
6
rd/w/s/c
0b
Connects DP pin to SPK_R pin. See Note below.
CarkitDataMC
7
rd/w/s/c
0b
When set the UPLI DATA[2] pin is changed from a
driven 0 to tri-state, when carkit mode is entered.
Note:
USB3331, USB3336, and USB3338 Only: If SpkRightEn or MicEn are asserted the DP pin will be con-
nected to SPK_R. To disconnect the DP pin from the SPK_R pin both SpkrRightEn and MicEn must be set
to de-asserted.
Field Name
Bit
Access
Default
Description
IdFloatRise
0
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from non-floating to floating. The IdPullup bit in the
OTG Control register should be set.
IdFloatFall
1
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from floating to non-floating. The IdPullup bit in the
OTG Control register should be set.
VdatDetIntEn
2
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the VDAT_DET
Comparator changes state.
CarDpRise
3
rd
0b
Not Implemented. Reads as 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com