Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 35 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB333X Datasheet HTML 31Page - Microchip Technology USB333X Datasheet HTML 32Page - Microchip Technology USB333X Datasheet HTML 33Page - Microchip Technology USB333X Datasheet HTML 34Page - Microchip Technology USB333X Datasheet HTML 35Page - Microchip Technology USB333X Datasheet HTML 36Page - Microchip Technology USB333X Datasheet HTML 37Page - Microchip Technology USB333X Datasheet HTML 38Page - Microchip Technology USB333X Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 35
USB333x
5.6.2.3
VbusValid Comparator
The VbusValid comparator is only used when the USB333x is configured as a host that can supply less than 100mA
VBUS current. In the USB protocol, the A-device supplies the VBUS voltage and is responsible to ensure it remains
within a specified voltage range. The VbusValid comparator can be disabled by clearing this bit in both the USB Interrupt
Enable Rising and USB Interrupt Enable Falling registers. When disabled, bit 1 of the USB Interrupt Status register will
return a 0. The VbusValid comparator threshold values are detailed in Table 4-9.
If the USB333x is used as a Device only the VbusValid Comparator should be disabled, using the method described
above.
The USB333x includes the external VbusValid indicator logic as detailed in the ULPI Specification. The external
VbusValid indicator is tied to a logic one. The decoding of this logic is shown in Table 5-7 below. By default this logic is
disabled.
Note 5-4
A peripheral should not use VbusValid to detect a USB connection and begin operation. The
peripheral should use SessValid to detect the presence of VBUS on the USB connector. VbusValid
should only be used for USB Host and OTG A-device applications.
5.6.2.4
VBUS Pulsing with Pull-up and Pull-down Resistors
In addition to the internal VBUS comparators, the USB333x also includes the integrated VBUS pull-up and pull-down
resistors used for VBUS Pulsing during OTG Session Request Protocol. To discharge the VBUS voltage so that a Ses-
sion Request can begin, the USB333x provides a pull-down resistor from VBUS to GND. This resistor is controlled by
the DischargeVbus bit 3 of the OTG Control register. The pull-up resistor is connected between VBUS and VDD33. This
resistor is used to pull VBUS above 2.1 volts so that the A-Device knows that a USB session has been requested. The
state of the pull-up resistor is controlled by the bit 4 ChargeVbus of the OTG Control register. The Pull-Up and Pull-Down
resistor values are detailed in Table 4-9.
The internal VBUS Pull-up and Pull-down resistors are designed to include the RVBUS external resistor in series. This
external resistor is used by the VBUS Over voltage protection described below.
5.6.2.5
VBUS Input Impedance
The OTG Supplement requires an A-Device that supports Session Request Protocol to have a VBUS input impedance
less than 100kΩ and greater the 40kΩ to ground. The USB333x provides a 75kΩ resistance to ground, RVB. The RVB
resistor tolerance is detailed in Table 4-9.
5.6.2.6
VBUS Over Voltage Protection (OVP)
The USB333x provides an integrated over voltage protection circuit to protect the VBUS pin from excessive voltages
that may be present at the USB connector. The over voltage protection circuit works with an external resistor (RVBUS)
by drawing current across the resistor to reduce the voltage at the VBUS pin.
When voltage at the VBUS pin exceeds 5.5V, the Over voltage Protection block will sink current to ground until VBUS
is below 5.5V. The current drops the excess voltage across RVBUS and protects the USB333x VBUS pin. The required
RVBUS value is dependent on the operating mode of the USB333x as shown in Table 5-8.
TABLE 5-7:
EXTERNAL VBUS INDICATOR LOGIC
Typical
Application
Use External
VBus Indicator
Indicator
Pass Thru
Indicator
Complement
RXCMD VBUSVALID
Encoding Source
OTG Device
0
X
X
Internal VbusValid comparator (Default)
1
1
0
Fixed 1
1
1
1
Fixed 0
1
0
0
Internal VbusValid comparator.
1
0
1
Fixed 0
Standard Host
1
1
0
Fixed 1
1
1
1
Fixed 0
Standard
Peripheral
0
X
X
Internal VbusValid comparator. This
information should not be used by the Link.
(Note 5-4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com