Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 19 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB333X Datasheet HTML 15Page - Microchip Technology USB333X Datasheet HTML 16Page - Microchip Technology USB333X Datasheet HTML 17Page - Microchip Technology USB333X Datasheet HTML 18Page - Microchip Technology USB333X Datasheet HTML 19Page - Microchip Technology USB333X Datasheet HTML 20Page - Microchip Technology USB333X Datasheet HTML 21Page - Microchip Technology USB333X Datasheet HTML 22Page - Microchip Technology USB333X Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 19
USB333x
4.6
Dynamic Characteristics: Analog I/O Pins
4.7
VBUS Electrical Characteristics
Note 4-9
The RVPD and RVPU values include the required 1kΩ external RVBUS resistor.
TABLE 4-7:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS Output Driver Timing
FS Rise Time
TFR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
FS Fall Time
TFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first transition
from IDLE state
1.3
2.0
V
Differential Rise/Fall Time
Matching
TFRFM
Excluding the first transition
from IDLE state
90
111.1
%
LS Output Driver Timing
LS Rise Time
TLR
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
LS Fall Time
TLF
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
Differential Rise/Fall Time
Matching
TLRFM
Excluding the first transition
from IDLE state
80
125
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
High Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
TABLE 4-8:
VBUS ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
SessEnd trip point
VSessEnd
0.2
0.5
0.8
V
SessVld trip point
VSessVld
0.8
1.4
2.0
V
VbusVld trip point
VVbusVld
4.4
4.58
4.75
V
VBUS Pull-Up
RVPU
VBUS
to VDD33 Note 4-9
(ChargeVbus = 1)
1.29
1.34
1.45
kΩ
VBUS Pull-down
RVPD
VBUS
to GND Note 4-9
(DisChargeVbus = 1)
1.55
1.7
1.85
kΩ
VBUS Impedance
RVB
VBUS
to GND
40
75
100
kΩ
A-Device Impedance to
ground
RIdGnd
Maximum Impedance to
ground on ID pin
100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com