Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 31 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB333X Datasheet HTML 27Page - Microchip Technology USB333X Datasheet HTML 28Page - Microchip Technology USB333X Datasheet HTML 29Page - Microchip Technology USB333X Datasheet HTML 30Page - Microchip Technology USB333X Datasheet HTML 31Page - Microchip Technology USB333X Datasheet HTML 32Page - Microchip Technology USB333X Datasheet HTML 33Page - Microchip Technology USB333X Datasheet HTML 34Page - Microchip Technology USB333X Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 31
USB333x
Figure 5-8 below shows a timing diagram to illustrate the start-up of the USB333x. At T0, the supplies are stable and
the USB333x is held in reset mode. At T1, the Link drives RESETB high after the REFCLK has started. The RESETB
pin may be brought high asynchronously to REFCLK. Once, the 3.3V and 1.8V internal supplies become stable the
USB333x will apply the 15Kohm pull downs to the data bus and assert DIR until the internal PLL has locked. After the
PLL has locked, the USB333x will check that the Link has de-asserted STP and at T2 it will de-assert DIR and begin
ULPI operation.
The ULPI bus will be available as shown in Figure 5-8 in the time defined as TSTART given in Table 4-3. If the REFCLK
signal starts after the RESETB pin is brought high, then time T0 will begin when REFCLK starts. TSTART also assumes
that the Link has de-asserted STP. If the Link has held STP high the USB333x will hold DIR high until STP is de-
asserted. When the LINK de-asserts STP, it must be ready drive the ULPI data bus to idle (00h) for a minimum of one
clock cycle after DIR de-asserts.
5.6
USB On-The-Go (OTG)
The USB333x provides support for the USB OTG protocol. OTG allows the USB333x to be dynamically configured as
a host or peripheral depending on the type of cable inserted into the Micro-AB receptacle. When the Micro-A plug of a
cable is inserted into the Micro-AB receptacle, the USB device becomes the A-device. When a Micro-B plug is inserted,
the device becomes the B-device. The OTG A-device behaves similar to a Host while the B-device behaves similar to
a peripheral. The differences are covered in the “On-The-Go Supplement to the USB 2.0 Specification”. In applications
where only USB Host or USB Peripheral is required, the OTG Module is unused.
5.6.1
ID RESISTOR DETECTION
The ID pin of the USB connector is monitored by the ID pin of the USB333x to detect the attachment of different types
of USB devices and cables. For device only applications that do not use the ID signal the ID pin should be connected
to VDD33. The block diagram of the ID detection circuitry is shown in Figure 5-9 and the related parameters are given
in Table 4-9.
FIGURE 5-8:
ULPI START-UP TIMING
DIR
RESETB
STP
TSTART
REFCLK
T1
T2
T0
SUPPLIES
STABLE
PHY Drives Idle
DATA[7:0]
REFCLK valid
PHY Tri-States
PHY Tri-States
PHY Drives High
LINK Drives Low
RXCMD
IDLE
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com