Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 50 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB333X Datasheet HTML 46Page - Microchip Technology USB333X Datasheet HTML 47Page - Microchip Technology USB333X Datasheet HTML 48Page - Microchip Technology USB333X Datasheet HTML 49Page - Microchip Technology USB333X Datasheet HTML 50Page - Microchip Technology USB333X Datasheet HTML 51Page - Microchip Technology USB333X Datasheet HTML 52Page - Microchip Technology USB333X Datasheet HTML 53Page - Microchip Technology USB333X Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
USB333x
DS00001880A-page 50
 2009 - 2015 Microchip Technology Inc.
6.4.1.4
Host Resume K
Resume K generation is supported by the USB333x. At the end of a USB Suspend the PHY will drive a K back to the
downstream device. When the USB333x exits from Low Power Mode, when operating as a host, it will automatically
transmit a Resume K on DP/DM. The transmitters will end the K with SE0 for two Low Speed bit times. If the USB333x
was operating in High Speed mode before the suspend, the host must change to High Speed mode before the SE0
ends. SE0 is two Low Speed bit times which is about 1.2 us. For more details please see sections 7.1.77 and 7.9 of the
USB Specification.
In device mode, the resume K will not append an SE0, but release the bus to the correct idle state, depending upon the
operational mode as shown in Table 5-1.
The ULPI specification includes a detailed discussion of the resume sequence and the order of operations required. To
support Host start-up of less than 1mS the USB333x implements the ULPI AutoResume bit in the Interface Control reg-
ister. The default AutoResume state is 0 and this bit should be enabled for Host applications.
6.4.1.5
No SYNC and EOP Generation (OpMode = 11)
UTMI+ defines OpMode = 11 where no sync and EOP generation occurs in High Speed operation. This is an option to
the ULPI specification and not implemented in the USB333x.
6.4.2
TYPICAL USB TRANSMIT WITH ULPI
Figure 6-9 shows a typical USB transmit sequence. A transmit sequence starts by the Link sending a TX CMD where
DATA[7:6]
= 01b, DATA[5:4] = 00b, and Data[3:0] = PID. The TX CMD with the PID is followed by transmit data.
During transmit the PHY will use NXT to control the rate of data flow into the PHY. If the USB333x pipeline is full or bit-
stuffing causes the data pipeline to overfill NXT is de-asserted and the Link will hold the value on Data until NXT is
asserted. The USB Transmit ends when the Link asserts STP while NXT is asserted.
After the USB333x completes transmitting, the DP and DM lines return to idle and a RXCMD is returned to the Link so
the inter-packet timers may be updated by linestate.
While operating in Full Speed or Low Speed, an End-of-Packet (EOP) is defined as SE0 for approximately two bit times,
followed by J for one bit time. The transceiver drives a J state for one bit time following the SE0 to complete the EOP.
The Link must wait for one bit time following line state indication of the SE0 to J transition to allow the transceiver to
complete the one bit time J state. All bit times are relative to the speed of transmission.
In the case of Full Speed or Low Speed, after STP is asserted each FS/LS bit transition will generate a RXCMD since
the bit times are relatively slow.
FIGURE 6-9:
ULPI TRANSMIT IN SYNCHRONOUS MODE
Note:
The Link cannot assert STP with NXT de-asserted since the USB333x is expecting to fetch another byte
from the Link.
DATA[7:0]
DP/DM
DIR
CLK
STP
NXT
TXD CMD
(USB tx)
Idle
D0
D2
D3
IDLE
SE0
!SQUELCH
SE0
Turn
Around
Turn
Around
RXD
CMD
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com