Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB333X Datasheet(PDF) 68 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 68 Page - Microchip Technology

Back Button USB333X Datasheet HTML 64Page - Microchip Technology USB333X Datasheet HTML 65Page - Microchip Technology USB333X Datasheet HTML 66Page - Microchip Technology USB333X Datasheet HTML 67Page - Microchip Technology USB333X Datasheet HTML 68Page - Microchip Technology USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology USB333X Datasheet HTML 71Page - Microchip Technology USB333X Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
USB333x
DS00001880A-page 68
 2009 - 2015 Microchip Technology Inc.
7.1.3.4
Vendor Rid Conversion
Address = 36-38h (read), 36h (write), 37h (set), 38h (clear)
Note 7-5
rd: Read Only with auto clear
Field Name
Bit
Access
Default
Description
RidValue
2:0
rd/w
000b
Conversion value of Rid resistor
000: 0 ohms
001: 75 ohms
010: 100K ohms
011: 200K ohms
100: Reserved
101: ID floating
111: Error
Note:
RidValue
can also be read from the Carkit
Interrupt Status Register.
RidConversionDone
3rd (Note 7-
5)
0b
Automatically asserted by the USB333x when the Rid
Conversion is finished. The conversion will take
282uS. This bit will auto clear when the RidValue is
read from the Rid Conversion Register. Reading the
RidValue
from the Carkit Interrupt Status Register will
not clear either RidConversionDone status bit.
Note:
RidConversionDone
can also be read from
the Carkit Interrupt Status Register.
RidConversionStart
4
rd/w/s/c
0b
When this bit is asserted either through a register write
or set, the Rid converter will read the value of the ID
resistor. When the conversion is complete this bit will
auto clear.
Reserved
5
rd/w/s/c
0b
This bit must remain at 0.
RidIntEn
6
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when RidConversionDone
bit is asserted.
Note:
This register bit is or’ed with the RidIntEn bit
of the Carkit Interrupt Status register.
Reserved
7
rd
0b
Read only, 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com